Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC169D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC169D Datasheet HTML 4Page - NXP Semiconductors 74LVC169D Datasheet HTML 5Page - NXP Semiconductors 74LVC169D Datasheet HTML 6Page - NXP Semiconductors 74LVC169D Datasheet HTML 7Page - NXP Semiconductors 74LVC169D Datasheet HTML 8Page - NXP Semiconductors 74LVC169D Datasheet HTML 9Page - NXP Semiconductors 74LVC169D Datasheet HTML 10Page - NXP Semiconductors 74LVC169D Datasheet HTML 11Page - NXP Semiconductors 74LVC169D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
8 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO16 packages: above 70
°C, P
tot derates linearly with 8 mW/K.
For (T)SSOP16 packages: above 60
°C, P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
°C, P
tot derates linearly with 4.5 mW/K.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input clamping current
VI <0 V
−50
-
mA
VI
input voltage
[1]
−0.5
+5.5
V
IOK
output clamping current
VO >VCC or VO <0 V
-
±50
mA
VO
output voltage
[1]
−0.5
VCC + 0.5
V
IO
output current
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
for maximum speed performance
2.7
-
3.6
V
for low-voltage applications
1.2
-
3.6
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
in free air
−40
-
+125
°C
∆t/∆V
input transition rise and fall rate VCC = 1.2 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 3.6 V
0
-
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com