Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC169D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC169D Datasheet HTML 9Page - NXP Semiconductors 74LVC169D Datasheet HTML 10Page - NXP Semiconductors 74LVC169D Datasheet HTML 11Page - NXP Semiconductors 74LVC169D Datasheet HTML 12Page - NXP Semiconductors 74LVC169D Datasheet HTML 13Page - NXP Semiconductors 74LVC169D Datasheet HTML 14Page - NXP Semiconductors 74LVC169D Datasheet HTML 15Page - NXP Semiconductors 74LVC169D Datasheet HTML 16Page - NXP Semiconductors 74LVC169D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
13 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
The shaded areas indicate when the input is permitted to change for predictable output performance.
Measurement points are given in Table 8.
Logic levels: VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 11. Set-up and hold times for the input (Dn) and parallel enable input (PE)
001aaa654
GND
GND
GND
th
th
tsu
tsu
tsu
th
th
tsu
VM
VM
VM
VI
VI
CP input
PE input
Dn input
VI
The shaded areas indicate when the input is permitted to change for predictable output performance.
Measurement points are given in Table 8.
Logic levels: VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 12. Set-up and hold times for count enable inputs (CEP and CET) and control input (U/D)
001aaa655
th
tsu
th
tsu
GND
VI
VM
VM
GND
VI
CP input
CEP, CET, U/D input
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.2 V
0.5VCC
0.5VCC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com