Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C6727BRFP300 Datasheet(PDF) 61 Page - Texas Instruments

Part # TMP320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 57Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 58Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 59Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 60Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 61Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 62Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 63Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 64Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
4.12.2 UHPI Peripheral Registers Description(s)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-13 is a list of the UHPI registers.
Table 4-13. UHPI Configuration Registers
BYTE ADDRESS
REGISTER NAME
DESCRIPTION
Device-Level Configuration Registers Controlling UHPI
0x4000 0008
CFGHPI
UHPI Configuration Register
0x4000 000C
CFGHPIAMSB
Most Significant Byte of UHPI Address
0x4000 0010
CFGHPIAUMB
Upper Middle Byte of UHPI Address
UHPI Internal Registers
0x4300 0000
PID
Peripheral ID Register
0x4300 0004
PWREMU
Power and Emulation Management Register
0x4300 0008
GPIOINT
General Purpose I/O Interrupt Control Register
0x4300 000C
GPIOEN
General Purpose I/O Enable Register
0x4300 0010
GPIODIR1
General Purpose I/O Direction Register 1
0x4300 0014
GPIODAT1
General Purpose I/O Data Register 1
0x4300 0018
GPIODIR2
General Purpose I/O Direction Register 2
0x4300 001C
GPIODAT2
General Purpose I/O Data Register 2
0x4300 0020
GPIODIR3
General Purpose I/O Direction Register 3
0x4300 0024
GPIODAT3
General Purpose I/O Data Register 3
0x4300 0028
Reserved
Reserved
0x4300 002C
Reserved
Reserved
0x4300 0030
HPIC
Control Register
0x4300 0034
HPIAW
Write Address Register
0x4300 0038
HPIAR
Read Address Register
0x4300 003C
Reserved
Reserved
0x4300 0040
Reserved
Reserved
Submit Documentation Feedback
Peripheral and Electrical Specifications
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com