Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C6727BRFP300 Datasheet(PDF) 100 Page - Texas Instruments

Part # TMP320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 96Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 97Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 98Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 99Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 100Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 101Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 102Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 103Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
4.16.2 RTI/Digital Watchdog Registers Description(s)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The digital watchdog is disabled by default. Once enabled, a sequence of two 16-bit key values (0xE51A
followed by 0xA35C in two separate writes) must be continually written to the key register before the
watchdog counter counts down to zero; otherwise, the DSP will be reset. This feature can be used to
provide an added measure of robustness against a software failure. If the application fails and ceases to
write to the watchdog key; the watchdog will respond by resetting the DSP and thereby restarting the
application.
Note that Counter 0 and Compare 0 are used by DSP BIOS to generate the tick counter it requires;
however, Capture 0 is still available for use by the application as well as the remaining RTI resources.
Table 4-38 is a list of the RTI registers.
Table 4-38. RTI Registers
BYTE ADDRESS
REGISTER NAME
DESCRIPTION
Device-Level Configuration Registers Controlling RTI
0x4000 0014
CFGRTI
Selects the sources for the RTI input captures from among the six McASP DMA event.
RTI Internal Registers
0x4200 0000
RTIGCTRL
Global Control Register. Starts / stops the counters.
0x4200 0004
Reserved
Reserved bit.
0x4200 0008
RTICAPCTRL
Capture Control. Controls the capture source for the counters.
0x4200 000C
RTICOMPCTRL
Compare Control. Controls the source for the compare registers.
0x4200 0010
RTIFRC0
Free-Running Counter 0. Current value of free-running counter 0.
0x4200 0014
RTIUC0
Up-Counter 0. Current value of prescale counter 0.
0x4200 0018
RTICPUC0
Compare Up-Counter 0. Compare value compared with prescale counter 0.
0x4200 0020
RTICAFRC0
Capture Free-Running Counter 0. Current value of free-running counter 0 on external
event.
0x4200 0024
RTICAUC0
Capture Up-Counter 0. Current value of prescale counter 0 on external event.
0x4200 0030
RTIFRC1
Free-Running Counter 1. Current value of free-running counter 1.
0x4200 0034
RTIUC1
Up-Counter 1. Current value of prescale counter 1.
0x4200 0038
RTICPUC1
Compare Up-Counter 1. Compare value compared with prescale counter 1.
0x4200 0040
RTICAFRC1
Capture Free-Running Counter 1. Current value of free-running counter 1 on external
event.
0x4200 0044
RTICAUC1
Capture Up-Counter 1. Current value of prescale counter 1 on external event.
0x4200 0050
RTICOMP0
Compare 0. Compare value to be compared with the counters.
0x4200 0054
RTIUDCP0
Update Compare 0. Value to be added to the compare register 0 value on compare
match.
0x4200 0058
RTICOMP1
Compare 1. Compare value to be compared with the counters.
0x4200 005C
RTIUDCP1
Update Compare 1. Value to be added to the compare register 1 value on compare
match.
0x4200 0060
RTICOMP2
Compare 2. Compare value to be compared with the counters.
0x4200 0064
RTIUDCP2
Update Compare 2. Value to be added to the compare register 2 value on compare
match.
0x4200 0068
RTICOMP3
Compare 3. Compare value to be compared with the counters.
0x4200 006C
RTIUDCP3
Update Compare 3. Value to be added to the compare register 3 value on compare
match.
0x4200 0070
Reserved
Reserved bit.
0x4200 0074
Reserved
Reserved bit.
0x4200 0080
RTISETINT
Set Interrupt Enable. Sets interrupt enable bits int RTIINTCTRL without having to do a
read-modify-write operation.
0x4200 0084
RTICLEARINT
Clear Interrupt Enable. Clears interrupt enable bits int RTIINTCTRL without having to
do a read-modify-write operation.
0x4200 0088
RTIINTFLAG
Interrupt Flags. Interrupt pending bits.
Peripheral and Electrical Specifications
100
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com