Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C6727BRFP300 Datasheet(PDF) 107 Page - Texas Instruments

Part # TMP320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 103Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 104Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 105Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 106Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 107Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 108Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 109Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 110Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 118 page
background image
5
Application Example
256K
Bytes
RAM
Bytes
ROM
384K
C67x+
DSP Core
Program
Cache
Crossbar Switch
EMIF
UHPI
dMAX
McASP0
SPI1
McASP1
I2C0
I2C1
RTI
SPIO
McASP2
PLL
OSC
ASYNC
FLASH
133 MHz
SDRAM
DSP
Host
Microprocessor
Audio Zone 1
SPI or I2C
Control (optional)
Audio Zone 2
Audio Zone 3
CODEC, DIR,
ADC, DAC, DSD,
Network
Network
ADC, DAC, DSD,
CODEC, DIR,
TDM Port
Digital Out,
High Speed
Parallel Data
DSP Control
SPI or I2C
6 Independent Audio
Zones (3 TX + 3 RX)
16 Serial Data Pins
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Figure 5-1 illustrates a high-level block diagram of the device and other devices to which it may typically
connect. See Section 1.2 for an overview of each major block.
A.
UHPI is only available on the C6727B. McASP2 is not available on the C6722B and C6720.
Figure 5-1. TMS320C672x Audio DSP System Diagram
Submit Documentation Feedback
Application Example
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com