Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4297A Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 13Page - Cirrus Logic CS4297A Datasheet HTML 14Page - Cirrus Logic CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic CS4297A Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
CS4205
DS489PP4
17
3.2
Digital Centric Mode
Digital centric mode is detailed in Figure 11. In this
mode, the analog sources are first mixed in the an-
alog mixer and sent to the ADCs. The ADC outputs
are then mixed with the digital sources in the digital
mixer. This allows effects processing on all sources
and supports a “what you hear is what you record”
model. The processed digital signal is sent to the
DACs, bypassing the analog mixer using DAC di-
rect mode. The ADC mux must be set to stereo mix
to support this model. Consequently, only the mix
can be captured by the host, rather than the individ-
ual sources.
3.3
Host Processing Mode
Host processing mode is detailed in Figure 12. This
mode is similar to digital centric mode, except the
output of the digital mixer is captured by the host.
Any mixing with host sources and effects process-
ing is done on the host. The processed signal is sent
to the DACs, bypassing the analog mixer using
DAC direct mode. In host processing mode, the
playback and capture paths are completely separate
inside the CS4205.
3.4
Multi-Channel Mode
Multi-channel mode is detailed in Figure 13. This
mode is an extension of any of the other three
modes, with the distinguishing feature that one or
two additional slot pairs are routed to the serial data
output
ports.
This
allows
for
a
complete
multi-channel solution with a single AC ’97 audio
codec and external DACs.
AC Mode
Control Bits
Analog Centric
Mode
Digital Centric
Mode
Host Processing
Mode
Multi-Channel
Mode
DACS
1
1
0
0 or 1
CAPS[1:0]
00
10
10
00,10 or 11
MICS
0 or 1
0 or 1
0 or 1
0 or 1
DDM
0
1
1
0 or 1
SDOS[1:0]
10 or 11
11
-
00
SPDS[1:0]
00, 01, 10 or 11
00, 01, 10 or 11
00 or 01
N/A
Table 1. AC Mode Control Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com