Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4297A Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 24Page - Cirrus Logic CS4297A Datasheet HTML 25Page - Cirrus Logic CS4297A Datasheet HTML 26Page - Cirrus Logic CS4297A Datasheet HTML 27Page - Cirrus Logic CS4297A Datasheet HTML 28Page - Cirrus Logic CS4297A Datasheet HTML 29Page - Cirrus Logic CS4297A Datasheet HTML 30Page - Cirrus Logic CS4297A Datasheet HTML 31Page - Cirrus Logic CS4297A Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
CS4205
28
DS489PP4
5.3
Mono Volume Register (Index 06h)
Mute
Mono Mute. Setting this bit mutes the MONO_OUT output signal.
MM[5:0]
Mono Volume Control. The MM[5:0] bits control the mono output volume. Each step corre-
sponds to 1.5 dB gain adjustment, with a total available range from 0 dB to -46.5 dB attenu-
ation. Setting the MM5 bit sets the mono attenuation to -46.5 dB by forcing MM[4:0] to a ‘1’
state. MM[5:0] will read back 011111 when MM5 has been ‘set’. See Table 4 on page 27 for
further attenuation levels.
Default
8000h. This value corresponds to 0 dB attenuation and Mute ‘set’.
5.4
Master Tone Control Register (Index 08h)
BA[3:0]
Bass Control. The BA[3:0] bits are used to control the bass gain in the effects engine. Each
step corresponds to 1.5 dB gain adjustment, with a total available range from +10.5 dB to
-10.5 dB gain. See Table 5 for further details. The center frequency from which the gain is
measured defaults to 100 Hz for bass, and may be changed using the LPFS[1:0] bits in the
Signal Processing Engine Control Register (Index 6Eh, Address 08h).
TR[3:0]
Treble Control. The TR[3:0] bits are used to control the treble gain in the effects engine. Each
step corresponds to 1.5 dB gain adjustment, with a total available range from +10.5 dB to
-10.5 dB gain. See Table 5 for further details. The center frequency from which the gain is
measured defaults to 10 kHz for treble, and may be changed using the HPFS[1:0] bits in the
Signal Processing Engine Control Register (Index 6Eh, Address 08h).
Default
0F0Fh. This value corresponds to bypass of bass and treble gain.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
000000000
MM5
MM4
MM3
MM2
MM1
MM0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0000
BA3
BA2
BA1
BA0
0000
TR3
TR2
TR1
TR0
TR3..TR0
BA3..BA0
Gain
Level
0000
+10.5 dB
0001
+9 dB
…
...
0110
+1.5 dB
0111
0 dB
1000
-1.5 dB
...
...
1101
-9 dB
1110
-10.5 dB
1111
bypass
Table 5. Tone Control Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com