Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4299 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS4299
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 47Page - Cirrus Logic CS4299 Datasheet HTML 48Page - Cirrus Logic CS4299 Datasheet HTML 49Page - Cirrus Logic CS4299 Datasheet HTML 50Page - Cirrus Logic CS4299 Datasheet HTML 51Page - Cirrus Logic CS4299 Datasheet HTML 52Page - Cirrus Logic CS4299 Datasheet HTML 53Page - Cirrus Logic CS4299 Datasheet HTML 54Page - Cirrus Logic CS4299 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
CS4202
DS549PP2
51
Mic Volume Register (Index 0Eh) the pre-amplifier
gain can be set to 0 dB, 10 dB, 20 dB, or 30 dB.
10.1.4
PC Beep Input
The PC_BEEP input is useful for mixing the output
of the “beeper” (timer chip), provided in most PCs,
with the other audio signals. When the CS4202 is
held in reset, PC_BEEP is passed directly to the line
output. This allows the system sounds or “beeps” to
be available before the AC ’97 interface has been ac-
tivated. Figure 21 illustrates a typical input circuit for
the PC_BEEP input. If PC_BEEP is driven from a
CMOS gate, the 4.7 k
Ω resistor should be tied to an-
alog ground instead of +5VA. Although this input is
described for a low-quality “beeper”, it is of the same
high-quality as all other analog inputs and may be
used for other purposes.
10.1.5
Phone Input
One application of the PHONE input is to interface
to the output of a modem analog front end (AFE) de-
vice so that modem dialing signals and protocol ne-
gotiations may be monitored through the audio
system. Figure 22 shows a design for a modem con-
nection where the output is fed from the CS4202
MONO_OUT pin through a divider. The divider ra-
tio shown does not attenuate the signal, providing an
output voltage of 1 VRMS. If a lower output voltage
is desired, the resistors can be replaced with appro-
priate values, as long as the total load on the output
is kept greater than 10 k
Ω. The PHONE input is di-
vided by 6 dB to accommodate a line-level source of
2 VRMS.
10.2
Analog Outputs
The analog output section provides a stereo, a head-
phone, and a mono output. The MONO_OUT,
LINE_OUT_L, and LINE_OUT_R pins require
680 pF to 1000 pF NPO dielectric capacitors be-
tween the corresponding pin and analog ground.
Each analog output is DC-biased up to the Vrefout
voltage signal reference, nominally 2.4 V. This re-
quires the outputs be AC-coupled to external circuit-
ry (AC loads must be greater than 10 k
Ω for the line
output or 32
Ω for the headphone output). The head-
phone coupling capacitors should be 220
µF or great-
er to minimize low frequency roll-off.
10.2.1
Stereo Outputs
The LINE_OUT and HP_OUT stereo outputs de-
pend on the configuration of the HPCFG pin. As
shown in Figure 23, if the HPCFG pin is left floating,
0.1
µ F
X7R
100
Ω
0.1
µ F
X7R
MIC1/MIC2
10
µF
ELEC
AGND
+5VA
2.2 k
Ω
1.5 k
Ω
AGND
AGND
+
Figure 20. Microphone Input
4.7 k
Ω
PC_BEEP
+5VA (Low Noise) or
AGND if CMOS Source
PC-BEEP-BUS
47 k
Ω
2.7 nF
X7R
0.1
µF
X7R
AGND
Figure 21. PC_BEEP Input
PHONE
MONO_OUT
PHONE
MONO_OUT
6.8 k
Ω
1.0
µF
0 Ω
6.8 k
Ω
1.0
µF
47 k
Ω
AGND
AGND
1000 pF
Figure 22. Modem Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com