Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4299 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4299
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic CS4299 Datasheet HTML 28Page - Cirrus Logic CS4299 Datasheet HTML 29Page - Cirrus Logic CS4299 Datasheet HTML 30Page - Cirrus Logic CS4299 Datasheet HTML 31Page - Cirrus Logic CS4299 Datasheet HTML 32Page - Cirrus Logic CS4299 Datasheet HTML 33Page - Cirrus Logic CS4299 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
CS4202
30
DS549PP2
4.12
Extended Audio ID Register (Index 28h)
ID[1:0]
Codec ID. These bits indicate the current codec configuration. When ID[1:0] = 00, the
CS4202 is the primary audio codec. When ID[1:0] = 01, 10, or 11, the CS4202 is a secondary
audio codec. The state of the ID[1:0] bits is determined at power-up from the ID[1:0]# pins
and the current clocking scheme, see Table 18 on page 49.
REV[1:0]
AC ’97 Revision. The REV[1:0] bits indicate which version of the AC ’97 specification the co-
dec complies with. These bits always return ‘01’, indicating the CS4202 complies with
version 2.2 of the AC ’97 specification.
AMAP
Audio Slot Mapping. The AMAP bit indicates whether the AC ’97 2.2 compliant AC-link slot to
audio DAC mapping is supported. This bit always returns ‘1’, indicating that audio slot map-
ping is supported. The PCM playback and capture slots are mapped according to Table 8 on
page 30.
DSA[1:0]
DAC Slot Assignment. The DSA[1:0] bits control the mapping of output slots to the DAC/SRC
block as well as the serial data port. To satisfy AC ‘97 2.2 AMAP requirements, the default for
these bits will depend on the Codec ID as shown in Table 9. See Table 8 for all available Slot
Map settings.
SPDIF
Sony/Philips Digital Interface. The SPDIF bit is ‘set’, indicating that the optional S/PDIF trans-
mitter is supported.
VRA
Variable Rate PCM Audio. The VRA bit indicates whether variable rate PCM audio is support-
ed. This bit always returns ‘1’, indicating that variable rate PCM audio is available.
Default
x605h. The Extended Audio ID Register (Index 28h) is a read-only register, except for the
DSA[1:0] bits which are read/write.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ID1
ID0
0
0
REV1 REV0 AMAP
0
0
0
DSA1 DSA0
0
SPDIF
0
VRA
Slot Assignment
Slot Mapping
DSA1
SPSA1
ASA1
DSA0
SPSA0
ASA0
DAC
SDOUT
SDO2
S/PDIF
ADC
LRLRLRLRL
R
0
0
347869343
4
0
1
7869
10
11
787
8
1
0
69
10
11
-
-
696
11
1
1
10
11
----
10
11
-
-
Table 8. Slot Mapping for the CS4202
Codec ID
DSA[1:0]
default
SPSA[1:0]
default
ASA[1:0]
default
000
01
00
101
10
00
201
10
00
310
11
00
Table 9. Slot Assignment Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com