| Electronic Components Datasheet Search |
|
CS8130-CS Datasheet(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8130-CS Datasheet(HTML) 13 Page - Cirrus Logic |
|
13 / 28 page ![]() BIT NAME VALUE FUNCTION AD3-0 Register Address (4 bits of transmitted address + MSB, which is the shadow (SHDW) bit state [Control Reg #3]. All registers have 4 data bits). 0_0000 0_0001 0_0010 0_0011 0_0100 0_0101 0_0110 0_0111 0_1000 0_1001 0_1010 0_1011 0_1100 0_1101 0_1110 0_1111 1_0000 1_0001 1_0010 1_0011 1_0100 1_0101 1_0110 1_0111 1_1000 1_1001 1_1010 1_1011 1_1100 1_1101 1_1110 1_1111 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 Control register #1 Control register #2 Transmit Mode Register #1 Transmit Mode Register #2 Output Power register Receive Mode register Receive Sensitivity register #1 Receive Sensitivity register #2 Baud Rate Divider register #1 Baud Rate Divider register #2 Modulator Divider register #1 Modulator Divider register #2 Digital Output Pin Control register Control Register #3 Reserved Status register (read only) TV Remote Receive Sample Rate & T Period Divider TV Remote Receive Sample Rate & T Period Divider TV Remote Receive Sample Rate & T Period Divider TV Remote Transmit Bit Rate Divider #1 TV Remote Transmit Bit Rate Divider #2 Control Register #4 Reserved Reserved ASK Receive Timing Sensitivity register Reserved Reserved Reserved CS8130 Revision Level register (Read Only) Reserved Reserved (Resets to 1111; must not be changed) Reserved (Resets to 1111; must not be changed) CD3-0 Control Data Contains control register data. It is essential that all reserved registers and bits are not changed from their reset state. If reserved bits are changed, then internal test modes may be invoked, which may change some input pins to output pins, and may completely change the definition of some functions and signals. Reserved bits in regis- ters, and reserved registers, may not return a known state when read, and should be ignored. Registers 28 and 15 are read only. Other non-reserved registers are write only. The CS8130 can be set to echo back register write commands to verify correct reception of the control settings. Control Data Byte Format D7 D6 D5 D4 D3 D2 D1 D0 AD3 AD2 AD1 AD0 CD3 CD2 CD1 CD0 CS8130 DS134PP2 13 CS8130 DS134F1 13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |