Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8130-CS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 11Page - Cirrus Logic CS8130-CS Datasheet HTML 12Page - Cirrus Logic CS8130-CS Datasheet HTML 13Page - Cirrus Logic CS8130-CS Datasheet HTML 14Page - Cirrus Logic CS8130-CS Datasheet HTML 15Page - Cirrus Logic CS8130-CS Datasheet HTML 16Page - Cirrus Logic CS8130-CS Datasheet HTML 17Page - Cirrus Logic CS8130-CS Datasheet HTML 18Page - Cirrus Logic CS8130-CS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Register 2, Transmit Mode Register #1
D3
D2
D1
D0
DIR
TVR
PWID
MODU
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
DIR
Direct Mode Enable
0
1
R Mode 4 Direct access mode disabled
Mode 4 Direct access mode enabled
TVR
TV Remote Mode
Enable
0
1
R Mode 3 TV remote mode disabled
Mode 3 TV remote mode enabled
PWID
Select Pulse Width
0
1
R Set pulse width to 1.6
µS
Set pulse width to 3/16 of the bit period
MODU
Select Modulation
Method
0
1
R Mode 1 IrDA pulse modulation enabled
Mode 2 Amplitude modulated carrier modulation
Register 4, Output Power Register
D3
D2
D1
D0
00
OP1
OP0
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
OP1-0
Output Power Level
00
01
10
11
0R
1
2
3
No LED output enabled
LED1C output only enabled
LED2C output only enabled
Both LED1C and LED2C outputs enabled
Register 3, Transmit Mode Register #2
D3
D2
D1
D0
0
CHSY
BC1
BC0
0110
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
CHSY
Character/bit
synchronized
0
1R
Bits are transmitted based on TXD bit transitions
Bits are transmitted timed from the start bit
BC1-0
Number of bits per
character (only
needed if CHSY = 1)
00
01
10
11
0
1
2R
3
6 data bits per character
7 data bits per character
8 data bits per character
9 data bits ( 8 data, 1 parity) per character
CS8130
DS134PP2
15
CS8130
DS134F1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com