Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7626 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 4 Page - Analog Devices

  AD7626_09 Datasheet HTML 1Page - Analog Devices AD7626_09 Datasheet HTML 2Page - Analog Devices AD7626_09 Datasheet HTML 3Page - Analog Devices AD7626_09 Datasheet HTML 4Page - Analog Devices AD7626_09 Datasheet HTML 5Page - Analog Devices AD7626_09 Datasheet HTML 6Page - Analog Devices AD7626_09 Datasheet HTML 7Page - Analog Devices AD7626_09 Datasheet HTML 8Page - Analog Devices AD7626_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7626
Rev. A | Page 4 of
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE BUFFER
REFIN Input Voltage Range
1.18
1.2
1.22
V
REF Output Voltage Range
REF @ 25°C, EN0 = EN1 = 1
4.076
4.096
4.116
V
Line Regulation
VDD1 ± 5%, VDD2 ± 5%
5
mV
EXTERNAL REFERENCE
Voltage Range
REF
4.096
V
VCM PIN
VCM Output
REF/2
VCM Error
−0.015
+0.015
V
Output Impedance
5
kΩ
LVDS I/O (ANSI-644)
Data Format
Serial LVDS twos complement
Differential Output Voltage, VOD
RL = 100 Ω
245
290
454
mV
Common-Mode Output Voltage, VOCM
RL = 100 Ω
9802
1130
1375
mV
Differential Input Voltage, VID
100
650
mV
Common-Mode Input Voltage, VICM
800
1575
mV
POWER SUPPLIES
Specified Performance
VDD1
4.75
5
5.25
V
VDD2
2.37
2.5
2.63
V
VIO
2.37
2.5
2.63
V
Operating Currents
Static—Not Converting
VDD1
3.5
4.5
mA
VDD2
16.7
21.2
mA
VIO
11.6
13.5
mA
With Internal Reference
10 MSPS throughput
VDD1
10.4
11.2
mA
VDD2
23.5
27.8
mA
VIO
Echoed-clock mode
15.8
17.8
mA
With External Reference
10 MSPS throughput
VDD1
7.5
8.8
mA
VDD2
23
28
mA
VIO
Echoed-clock mode
16.4
18.5
mA
Power-Down
EN0 = 0, EN1 = 0
VDD1
0.6
4
μA
VDD2
0.8
10
μA
VIO
1
5
μA
Power Dissipation3
Static—Not Converting
88
107
mW
With Internal Reference
10 MSPS throughput
150
170
mW
With External Reference
10 MSPS throughput
136
160
mW
Power-Down
8
58
μW
Energy per Conversion
10 MSPS throughput
13.6
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 Using an external reference.
2 The ANSI-644 LVDS specification has a minimum output common mode (VOCM) of 1125 mV.
3 Power dissipation is for the AD7626 device only. In self-clocked interface mode, 0.9 mW is dissipated in the 100 Ω terminator. In echoed-clock interface mode, 1.8 mW
is dissipated in two 100 Ω terminators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com