Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7626 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7626_09 Datasheet HTML 5Page - Analog Devices AD7626_09 Datasheet HTML 6Page - Analog Devices AD7626_09 Datasheet HTML 7Page - Analog Devices AD7626_09 Datasheet HTML 8Page - Analog Devices AD7626_09 Datasheet HTML 9Page - Analog Devices AD7626_09 Datasheet HTML 10Page - Analog Devices AD7626_09 Datasheet HTML 11Page - Analog Devices AD7626_09 Datasheet HTML 12Page - Analog Devices AD7626_09 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7626
Rev. A | Page 9 of
Pin No.
Mnemonic
Type1
Description
23
IN+
AI
Differential Positive Analog Input. Referenced to and must be driven 180° out of phase with IN−.
24
GND
P
Ground.
25, 26, 28
CAP2
AO
Connect all three CAP2 pins together and decouple them with the shortest trace possible to a single
10 μF, low ESR, low ESL capacitor. The other side of the capacitor must be placed close to Pin 27 (GND).
27
GND
P
Ground. Return path for the 10 μF capacitor connected to Pin 25, Pin 26, and Pin 28.
29, 30, 32
REF
AI/O
Buffered Reference Voltage. When using the internal reference or the 1.2 V external reference (REFIN
input), the 4.096 V system reference is produced at this pin. When using an external reference, such
as the ADR434 or the ADR444, the internal reference buffer must be disabled. In either case, connect
all three REF pins together and decouple them with the shortest trace possible to a single 10 μF, low
ESR, low ESL capacitor. The other side of the capacitor must be placed close to Pin 31 (GND).
31
GND
P
Ground. Return path for the 10 μF capacitor connected to Pin 29, Pin 30, and Pin 32.
EP
Exposed pad
The exposed pad is located on the underside of the package. Connect the exposed pad to the
ground plane of the PCB using multiple vias. See the Exposed Paddle section for more information.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DO = digital output; P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com