Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8022ARMZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD8022ARMZ
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARMZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD8022ARMZ Datasheet HTML 33Page - Analog Devices AD8022ARMZ Datasheet HTML 34Page - Analog Devices AD8022ARMZ Datasheet HTML 35Page - Analog Devices AD8022ARMZ Datasheet HTML 36Page - Analog Devices AD8022ARMZ Datasheet HTML 37Page - Analog Devices AD8022ARMZ Datasheet HTML 38Page - Analog Devices AD8022ARMZ Datasheet HTML 39Page - Analog Devices AD8022ARMZ Datasheet HTML 40Page - Analog Devices AD8022ARMZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-3
ADSP-BF506F EZ-KIT Lite Hardware Reference
is configurable over the 2-wire interface (TWI) signals. Refer to the
power-on-self test (POST) example in the ADSP-BF506F installation
directory of VisualDSP++ for information on how to set up the TWI
interface.
The core voltage and clock rate can be set up on the fly by the processor.
The input clock is 25 MHz. The default boot mode for the processor is
SPI flash boot. See “Boot Mode Select Switch (SW2)” for information on
how to change the default boot mode.
Programmable Flags
The processor has 35 general-purpose input/output (GPIO) signals spread
across three ports (PF, PG, and PH). The pins are multi-functional and
depend on the ADSP-BF506F processor setup. The following tables show
how the programmable flag pins are used on the EZ-KIT Lite.
• PF programmable flag pins – Table 2-1
PG programmable flag pins – Table 2-2
PH programmable flag pins – Table 2-3
Table 2-1. Port F Programmable Flag Connections
Processor Pin
Other Processor Function
EZ-KIT Lite Function
PF0
TSCLK0/UA0_RX_ALT/TMR6/
CUD0
Default: LED0
Land grid array, expansion interface II
PF1
RSCLK0/UA0_TX_ALT/TMR5/
CDG0
Default: LED1
Land grid array, expansion interface II
PF2
DT0PRI/PWM0_BH/PPI_D8/
CZM0
Default: LED2
Land grid array, expansion interface II
PF3
TFS0/PWM0_BL/PPI_D9/
CDG0
Default: PB0
Land grid array, expansion interface II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com