| Electronic Components Datasheet Search |
|
AD8022ARMZ Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8022ARMZ Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 75 page ![]() ADSP-BF506F EZ-KIT Lite Evaluation System Manual 1-7 Using ADSP-BF506F EZ-KIT Lite Evaluation License Restrictions The ADSP-BF506F EZ-KIT Lite installation is part of the the Visu- alDSP++ installation. The EZ-KIT Lite is a licensed product that offers an unrestricted evaluation license for the first 90 days. Once the initial unre- stricted 90-day evaluation license expires: • VisualDSP++ restricts a connection to the ADSP-BF506F EZ-KIT Lite via the USB debug agent interface only. Connections to simu- lators and emulation products are no longer allowed. • The linker restricts a user program to to ¼ of internal memory (16 Kbytes), which is 4 Kbytes for code space with no restrictions for data space. • The EZ-KIT Lite hardware must be connected and powered up to use VisualDSP++ with a valid evaluation or permanent license. Refer to the VisualDSP++ Installation Quick Reference Card for details. Memory Map The ADSP-BF506F processor has internal static random access memory (SRAM) used for instruction or data storage. See Table 1-1. The internal memory details can be found in the ADSP-BF50x Blackfin Processor Hard- ware Reference. The ADSP-BF506F EZ-KIT Lite board includes external serial peripheral interconnect (SPI) flash and internal flash memories. See Table 1-2; see also the following “Internal Flash Memory Interface” and “SPI Flash Memory Interface”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |