| Electronic Components Datasheet Search |
|
TMS320DM6437 Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6437 Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 305 page ![]() TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-16. EMAC and MDIO Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. EMAC This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HCNTL1/MTXEN/ IPD D3 C4 I/O/Z and GPIO. AD11/GP[75] DVDD33 In Ethernet MAC mode, it is Transmit Enable output MTXEN. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD15/MTXCLK/ IPD A4 A4 I/O/Z and GPIO. AD12/GP[73] DVDD33 In Ethernet MAC mode, it is Transmit Clock input MTXCLK. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD9/MCOL/ IPD C6 C6 I/O/Z and GPIO. PSTOP/GP[67] DVDD33 In Ethernet MAC mode, it is Collision Detect input MCOL. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD11/MTXD3/ IPD C5 A5 I/O/Z and GPIO. PCBE1/GP[69] DVDD33 In Ethernet MAC mode, it is Transmit Data 3 output MTXD3. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD12/MTXD2/ IPD D5 C5 I/O/Z and GPIO. PPAR/GP[70] DVDD33 In Ethernet MAC mode, it is Transmit Data 2 output MTXD2. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD13/MTXD1/ IPD B4 B4 I/O/Z and GPIO. AD14/GP[71] DVDD33 In Ethernet MAC mode, it is Transmit Data 1 output MTXD1. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD14/MTXD0/ IPD D4 B5 I/O/Z and GPIO. AD15/GP[72] DVDD33 In Ethernet MAC mode, it is Transmit Data 0 output MTXD0. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HR/W/MRXCLK/ IPD A3 A3 I/O/Z and GPIO. AD8/GP[77] DVDD33 In Ethernet MAC mode, it is Receive Clock input MRXCLK. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HHWIL/MRXDV/ IPD C4 D3 I/O/Z and GPIO. AD13/GP[74] DVDD33 In Ethernet MAC mode, it is Receive Data Valid input MRXDV. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HCNTL0/MRXER/ IPD B3 B2 I/O/Z and GPIO. AD10/GP[76] DVDD33 In Ethernet MAC mode, it is Receive Error input MRXER. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HD10/MCRS/ IPD B5 B6 I/O/Z and GPIO. PSERR/GP[68] DVDD33 In Ethernet MAC mode, it is Carrier Sense input MCRS. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HINT/MRXD3/ IPU C2 D2 I/O/Z and GPIO. AD6/GP[82] DVDD33 In Ethernet MAC mode, it is Receive Data 3 input MRXD3. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HRDY/MRXD2/ IPU D2 C3 I/O/Z and GPIO. PCBE0/GP[80] DVDD33 In Ethernet MAC mode, it is Receive Data 2 input MRXD2. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HDS1/MRXD1/ IPU B2 B3 I/O/Z and GPIO. AD7/GP[79] DVDD33 In Ethernet MAC mode, it is Receive data 1 input MRXD1. This pin is multiplexed between HPI, Ethernet MAC (EMAC), PCI, HDS2/MRXD0/ IPU C3 C2 I/O/Z and GPIO. AD9/GP[78] DVDD33 In Ethernet MAC mode, it is Receive Data 0 input MRXD0. MDIO This pin is multiplexed between HPI, MDIO, PCI, and GPIO. HCS/MDCLK/ IPU C1 D1 I/O/Z In Ethernet MAC mode, it is Management Data Clock output AD5/GP[81] DVDD33 MDCLK. HAS/MDIO/ IPU This pin is multiplexed between HPI, MDIO, PCI, and GPIO. D1 C1 I/O/Z AD3/GP[83] DVDD33 In Ethernet MAC mode, it is Management Data I/O MDIO (I/O/Z). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 47 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |