| Electronic Components Datasheet Search |
|
TMS320DM6437 Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6437 Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 305 page ![]() TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-26. UART0 and UART1 Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. UART1 HECC_RX/ This pin is multiplexed between the HECC, Timer 1, UART1 (Data), TINP1L/ IPU L4 P3 I/O/Z and GPIO. URXD1/ DVDD33 Fo UART1 this pin is the receive data input URXD1. GP[56] HECC_TX/ This pin is multiplexed between the HECC, Timer 1, UART1 (Data), TOUT1L/ IPU K4 N3 I/O/Z and GPIO. UTXD1/ DVDD33 Fo UART1 this pin is the transmit data output UTXD1. GP[55] UART0 URXD0/ IPU This pin is multiplexed between UART0 (Data) and GPIO. L2 M2 I/O/Z GP[85] DVDD33 When used by UART0 this pin is the receive data input URXD0. UTXD0/ IPU This pin is multiplexed between UART0 (Data) and GPIO. K3 N1 I/O/Z GP[86] DVDD33 In UART0 mode, this pin is the transmit data output UTXD0. UCTS0 IPU This pin is multiplexed between the UART0 (Flow Control) and GPIO. L1 P1 I/O/Z GP[87] DVDD33 In UART0 mode, this pin is the clear to send input UCTS0. URTS0 This pin is multiplexed between the UART0 (Flow Control), PWM0, IPU PWM0 L3 M3 I/O/Z and GPIO. DVDD33 GP[88] In UART0 mode, this pin is the ready to send output URTS0. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 61 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |