Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV431ACDBVR Datasheet HTML 8Page - Texas Instruments TLV431ACDBVR Datasheet HTML 9Page - Texas Instruments TLV431ACDBVR Datasheet HTML 10Page - Texas Instruments TLV431ACDBVR Datasheet HTML 11Page - Texas Instruments TLV431ACDBVR Datasheet HTML 12Page - Texas Instruments TLV431ACDBVR Datasheet HTML 13Page - Texas Instruments TLV431ACDBVR Datasheet HTML 14Page - Texas Instruments TLV431ACDBVR Datasheet HTML 15Page - Texas Instruments TLV431ACDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION†
RATIO OF DELTA REFERENCE VOLTAGE
TO DELTA CATHODE VOLTAGE
vs
JUNCTION TEMPERATURE
(for TLV431 and TLV431A)
0
− 0.1
− 0.2
− 0.3
− 0.4
− 0.5
− 0.6
− 0.7
− 0.8
− 50
− 25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
Figure 9
IK = 10 mA
∆VKA = VREF to 6 V
RATIO OF DELTA REFERENCE VOLTAGE
TO DELTA CATHODE VOLTAGE
vs
JUNCTION TEMPERATURE
(for TLV431B)
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
−50
−25
0
25
50
75
100
125
150
IK = 10 mA
∆VKA = VREF to 6 V
Figure 9B
Figure 9A
−1
0
TJ − Junction Temperature − °C
−0.025
−0.075
−0.1
−0.125
0.025
PERCENTAGE CHANGE IN VREF
vs
OPERATING LIFE AT 55
°C
0
−0.05
010
20
30
40
50
60
IK = 1 mA
Operating Life at 55
°C − kh‡
% Change (3
δ)
% Change (−3
δ)
% Change (avg)
‡ Extrapolated from life-test data taken at 125
°C; the activation energy assumed is 0.7 eV.
Figure 10
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com