Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 2 Page - Texas Instruments

  TLV431ACDBVR Datasheet HTML 1Page - Texas Instruments TLV431ACDBVR Datasheet HTML 2Page - Texas Instruments TLV431ACDBVR Datasheet HTML 3Page - Texas Instruments TLV431ACDBVR Datasheet HTML 4Page - Texas Instruments TLV431ACDBVR Datasheet HTML 5Page - Texas Instruments TLV431ACDBVR Datasheet HTML 6Page - Texas Instruments TLV431ACDBVR Datasheet HTML 7Page - Texas Instruments TLV431ACDBVR Datasheet HTML 8Page - Texas Instruments TLV431ACDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TJ
25
5C VREF
TOLERANCE
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SC 70 (DCK)
Reel of 3000
TLV431BCDCKR
YE
SC-70 (DCK)
Reel of 250
TLV431BCDCKT
YE_
SOT 23 5 (DBV)
Reel of 3000
TLV431BCDBVR
Y3G
SOT-23-5 (DBV)
Reel of 250
TLV431BCDBVT
Y3G_
0.5%
SOT 23 3 (DBZ)
Reel of 3000
TLV431BCDBZR
Y3G
SOT-23-3 (DBZ)
Reel of 250
TLV431BCDBZT
Y3G_
SOT-89 (PK)
Reel of 1000
TLV431BCPK
VE
TO 92 (LP)
Bulk of 1000
TLV431BCLP
TV431B
TO-92 (LP)
Reel of 2000
TLV431BCLPR
TV431B
0
°C to 70°C
SOT 23 5 (DBV)
Reel of 3000
TLV431ACDBVR
YAC
SOT-23-5 (DBV)
Reel of 250
TLV431ACDBVT
YAC_
1%
SOT-23-3 (DBZ)
Reel of 3000
TLV431ACDBZR
YAC_
1%
TO 92 (LP)
Bulk of 1000
TLV431ACLP
V431AC
TO-92 (LP)
Reel of 2000
TLV431ACLPR
V431AC
SOT 23 5 (DBV)
Reel of 3000
TLV431CDBVR
Y3C
SOT-23-5 (DBV)
Reel of 250
TLV431CDBVT
Y3C_
1.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431CDBZR
Y3C_
1.5%
TO 92 (LP)
Bulk of 1000
TLV431CLP
V431C
TO-92 (LP)
Reel of 2000
TLV431CLPR
V431C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com