Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2553DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2553DBVR
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2553DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2553DBVR Datasheet HTML 1Page - Texas Instruments TPS2553DBVR Datasheet HTML 2Page - Texas Instruments TPS2553DBVR Datasheet HTML 3Page - Texas Instruments TPS2553DBVR Datasheet HTML 4Page - Texas Instruments TPS2553DBVR Datasheet HTML 5Page - Texas Instruments TPS2553DBVR Datasheet HTML 6Page - Texas Instruments TPS2553DBVR Datasheet HTML 7Page - Texas Instruments TPS2553DBVR Datasheet HTML 8Page - Texas Instruments TPS2553DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS2552
TPS2553, TPS2552-1, TPS2553-1
SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions, V/EN = 0 V, or VEN = VIN, RFAULT = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IIN_off
Supply current, low-level output
VIN = 6.5 V, No load on OUT, VEN = 6.5 V or VEN = 0 V
0.1
1
µA
RILIM = 20 kΩ
120
140
µA
IIN_on
Supply current, high-level output
VIN = 6.5 V, No load on OUT
RILIM = 210 kΩ
100
120
µA
IREV
Reverse leakage current
VOUT = 6.5 V, VIN = 0 V
TJ = 25 °C
0.01
1
µA
UNDERVOLTAGE LOCKOUT
UVLO
Low-level input voltage, IN
VIN rising
2.35
2.45
V
Hysteresis, IN
TJ = 25 °C
25
mV
FAULT FLAG
VOL
Output low voltage, FAULT
I/FAULT = 1 mA
180
mV
Off-state leakage
V/FAULT = 6.5 V
1
µA
FAULT assertion or de-assertion due to overcurrent condition
5
7.5
10
ms
FAULT deglitch
FAULT assertion or de-assertion due to reverse-voltage condition
2
4
6
ms
THERMAL SHUTDOWN
Thermal shutdown threshold
155
°C
Thermal shutdown threshold in
135
°C
current-limit
Hysteresis
10
°C
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com