Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2553DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2553DBVR
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2553DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2553DBVR Datasheet HTML 1Page - Texas Instruments TPS2553DBVR Datasheet HTML 2Page - Texas Instruments TPS2553DBVR Datasheet HTML 3Page - Texas Instruments TPS2553DBVR Datasheet HTML 4Page - Texas Instruments TPS2553DBVR Datasheet HTML 5Page - Texas Instruments TPS2553DBVR Datasheet HTML 6Page - Texas Instruments TPS2553DBVR Datasheet HTML 7Page - Texas Instruments TPS2553DBVR Datasheet HTML 8Page - Texas Instruments TPS2553DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TPS2552
TPS2553, TPS2552-1, TPS2553-1
SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields.
These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic
voltage level, preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
AVAILABLE OPTIONS AND ORDERING INFORMATION
AMBIENT
RECOMMENDED MAXIMUM
SON (3)
SOT23(3)
CURRENT-LIMIT
DEVICE(1)
ENABLE
TEMPERATURE
CONTINUOUS LOAD
PROTECTION
(DRV)
(DBV)
(2)
CURRENT(2)
TPS2552
Active low
TPS2552DRV
TPS2552DBV
Constant-Current
TPS2553
Active high
TPS2553DRV
TPS2553DBV
–40°C to 85°C
1.5 A
TPS2552-1
Active low
TPS2552DRV-1
TPS2552DBV-1
Latch-Off
TPS2553-1
Active high TPS2553DRV-1
TPS2553DBV-1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Maximum ambient temperature is a function of device junction temperature and system level considerations, such as load current,
power dissipation and board layout. See dissipation rating table and recommended operating conditions for specific information related
to these devices.
(3)
Add an R suffix to the device type for tape and reel.
over operating free-air temperature range unless otherwise noted
(1) (2)
VALUE
UNIT
Voltage range on IN, OUT, EN or EN, ILIM, FAULT
–0.3 to 7
V
Voltage range from IN to OUT
–7 to 7
V
IO
Continuous output current
Internally Limited
See the Dissipation Rating
Continuous total power dissipation
Table
Continuous FAULT sink current
25
mA
ILIM source current
1
mA
HBM
2
kV
ESD
CDM
500
V
TJ
Maximum junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
THERMAL
THERMAL
TA ≤ 25°C
DERATING
TA = 70°C
TA = 85°C
RESISTANCE
RESISTANCE
BOARD
PACKAGE
POWER
FACTOR ABOVE
POWER
POWER
θ
JA
θ
JC
RATING
TA = 25°C
RATING
RATING
Low-K(1)
DBV
350°C/W
55°C/W
285 mW
2.85 mW/°C
155 mW
114 mW
High-K(2)
DBV
160°C/W
55°C/W
625 mW
6.25 mW/°C
340 mW
250 mW
Low-K(1)
DRV
140°C/W
20°C/W
715 mW
7.1 mW/°C
395 mW
285 mW
High-K(2)
DRV
75°C/W
20°C/W
1330 mW
13.3 mW/°C
730 mW
530 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in × 3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com