Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB221 Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3USB221
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221 Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB221_08 Datasheet HTML 1Page - Texas Instruments TS3USB221_08 Datasheet HTML 2Page - Texas Instruments TS3USB221_08 Datasheet HTML 3Page - Texas Instruments TS3USB221_08 Datasheet HTML 4Page - Texas Instruments TS3USB221_08 Datasheet HTML 5Page - Texas Instruments TS3USB221_08 Datasheet HTML 6Page - Texas Instruments TS3USB221_08 Datasheet HTML 7Page - Texas Instruments TS3USB221_08 Datasheet HTML 8Page - Texas Instruments TS3USB221_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS
(1)
DYNAMIC ELECTRICAL CHARACTERISTICS
TS3USB221
SCDS220F – NOVEMBER 2006 – REVISED NOVEMBER 2008....................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V, 2.7 V,
II = –18 mA
–1.8
V
Control
IIN
VCC = 3.6 V, 2.7 V, 0 V,
VIN = 0 V to 3.6 V
±1
µA
inputs
VCC = 3.6 V, 2.7 V,
VIN = VCC or GND,
IOZ
(3)
±1
µA
VO = 0 V to 3.6 V, VI = 0 V,
Switch OFF
VI/O = 0 V to 3.6 V
±2
I(OFF)
VCC = 0 V
µA
VI/O = 0 V to 2.7 V
±1
VCC = 3.6 V, 2.7 V,
II/O = 0 V,
ICC
30
µA
VIN = VCC or GND,
Switch ON or OFF
ICC
VCC = 3.6 V, 2.7 V,
Switch disabled
(low power
1
µA
VIN = VCC or GND
(OE in high state)
mode)
VCC = 3.6 V
20
Control
One input at 1.8 V,
ΔICC
(4)
µA
inputs
Other inputs at VCC or GND
VCC = 2.7 V
0.5
Control
Cin
VCC = 3.3 V, 2.5 V,
VIN = 3.3 V or 0 V
1
2
pF
inputs
Cio(OFF)
VCC = 3.3 V, 2.5 V,
VI/O = 3.3 V or 0 V,
Switch OFF
3
4
pF
Cio(ON)
VCC = 3.3 V, 2.5 V,
VI/O = 3.3 V or 0 V,
Switch ON
5
6
pF
VI = 0 V,
IO = 30 mA
6
ron
(5)
VCC = 3 V, 2.3 V
Ω
VI = 2.4 V,
IO = –15 mA
6
VI = 0 V,
IO = 30 mA
0.2
Δron
VCC = 3 V, 2.3 V
Ω
VI = 1.7,
IO = –15 mA
0.2
VI = 0 V,
IO = 30 mA
1
ron(flat)
VCC = 3 V, 2.3 V
Ω
VI = 1.7,
IO = –15 mA
1
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 250 MHz
–40
dB
OIRR
OFF isolation
RL = 50 Ω, f = 250 MHz
–41
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω
1.1
GHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3USB221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com