Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB221 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS3USB221
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221 Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB221_08 Datasheet HTML 1Page - Texas Instruments TS3USB221_08 Datasheet HTML 2Page - Texas Instruments TS3USB221_08 Datasheet HTML 3Page - Texas Instruments TS3USB221_08 Datasheet HTML 4Page - Texas Instruments TS3USB221_08 Datasheet HTML 5Page - Texas Instruments TS3USB221_08 Datasheet HTML 6Page - Texas Instruments TS3USB221_08 Datasheet HTML 7Page - Texas Instruments TS3USB221_08 Datasheet HTML 8Page - Texas Instruments TS3USB221_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/
DRC PACKAGE
(TOP VIEW)
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
RSE PACKAGE
(TOP VIEW)
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
RSE PACKAGE
(BOTTOM VIEW)
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
TS3USB221
www.ti.com....................................................................................................................................... SCDS220F – NOVEMBER 2006 – REVISED NOVEMBER 2008
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH
WITH SINGLE ENABLE
• V
CC Operation at 2.5 V and 3.3 V
• V
I/O Accepts Signals up to 5.5 V
• 1.8-V Compatible Control-Pin Inputs
• Low-Power Mode When OE Is Disabled (1 µA)
• r
ON = 6 Ω Maximum
• Δr
ON = 0.2 Ω Typical
• C
io(on) = 6 pF Maximum
• Low Power Consumption (30 µA Maximum)
• ESD > 2000-V Human-Body Model (HBM)
• High Bandwidth (1.1 GHz Typical)
• Routes Signals for USB 1.0, 1.1, and 2.0
• Mobile Industry Processor Interface (MIPI)
Signal Routing
ORDERING INFORMATION
The TS3USB221 is a high-bandwidth switch specially
designed for the switching of high-speed USB 2.0
signals in handset and consumer applications, such
as cell phones, digital cameras, and notebooks with
hubs or controllers with limited USB I/Os. The wide
bandwidth (1.1 GHz) of this switch allows signals to
pass with minimum edge and phase distortion. The
device multiplexes differential outputs from a USB
host device to one of two corresponding outputs. The
switch
is
bidirectional
and
offers
little
or
no
attenuation of the high-speed signals at the outputs. It
is
designed
for
low
bit-to-bit
skew
and
high
channel-to-channel noise isolation, and is compatible
with various standards, such as high-speed USB 2.0
(480 Mbps).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3USB221_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221AQRSERQ1 TI1-TS3USB221AQRSERQ1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221ARSER TI-TS3USB221ARSER Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Similar Description - TS3USB221_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com