| Electronic Components Datasheet Search |
|
ISO7221A Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7221A Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 28 page ![]() ISO7220A, ISO7220B, ISO7220C, ISO7220M ISO7221A, ISO7221B, ISO7221C, ISO7221M www.ti.com SLLS755K – JULY 2006 – REVISED JANUARY 2010 ISOLATION GLOSSARY Creepage Distance — The shortest path between two conductive input to output leads measured along the surface of the insulation. The shortest distance path is found around the end of the package body. Clearance — The shortest distance between two conductive input to output leads measured through air (line of sight). Input-to Output Barrier Capacitance — The total capacitance between all input terminals connected together, and all output terminals connected together. Input-to Output Barrier Resistance — The total resistance between all input terminals connected together, and all output terminals connected together. Primary Circuit — An internal circuit directly connected to an external supply mains or other equivalent source which supplies the primary circuit electric power. Secondary Circuit — A circuit with no direct connection to primary power, and derives its power from a separate isolated source. Comparative Tracking Index (CTI) — CTI is an index used for electrical insulating materials which is defined as the numerical value of the voltage which causes failure by tracking during standard testing. Tracking is the process that produces a partially conducting path of localized deterioration on or through the surface of an insulating material as a result of the action of electric discharges on or close to an insulation surface -- the higher CTI value of the insulating material, the smaller the minimum creepage distance. Generally, insulation breakdown occurs either through the material, over its surface, or both. Surface failure may arise from flashover or from the progressive degradation of the insulation surface by small localized sparks. Such sparks are the result of the breaking of a surface film of conducting contaminant on the insulation. The resulting break in the leakage current produces an overvoltage at the site of the discontinuity, and an electric spark is generated. These sparks often cause carbonization on insulation material and lead to a carbon track between points of different potential. This process is known as tracking. Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |