Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221A Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221A
Description  DUAL DIGITAL ISOLATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221A Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7221A Datasheet HTML 18Page - Texas Instruments ISO7221A Datasheet HTML 19Page - Texas Instruments ISO7221A Datasheet HTML 20Page - Texas Instruments ISO7221A Datasheet HTML 21Page - Texas Instruments ISO7221A Datasheet HTML 22Page - Texas Instruments ISO7221A Datasheet HTML 23Page - Texas Instruments ISO7221A Datasheet HTML 24Page - Texas Instruments ISO7221A Datasheet HTML 25Page - Texas Instruments ISO7221A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755K – JULY 2006 – REVISED JANUARY 2010
www.ti.com
Changes from Revision G (March 2008) to Revision H
Page
•
Added Note: (1) to the RECOMMENDED OPERATING CONDITIONS table ..................................................................... 3
•
Added Note: (2) to the ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 5-V table .................................................... 4
•
Added Note: (3) to the ELECTRICAL CHARACTERISTICS: VCC1 at 5 V, VCC2 at 3.3 V table ............................................ 5
•
Added Note: (4) to the ELECTRICAL CHARACTERISTICS: VCC1 at 3.3 V, VCC2 at 5 V table ............................................ 7
•
Added Note: (5) to the ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 3.3 V .......................................................... 9
Changes from Revision H (May 2008) to Revision I
Page
•
Added "IEC 61010-1, IEC 60950-1 and CSA Approved" to the UL 1577 FEATURES bullet .............................................. 1
Changes from Revision I (December 2008) to Revision J
Page
•
Changed ISO7221C Marked As column From: TI7221C To: I7221C in the AVAILABLE OPTIONS table .......................... 2
Changes from Revision J (May 2009) to Revision K
Page
•
Changed column 2 of the AVAILABLE OPTIONS table From: Signaling Rate To: Max Signaling Rate ............................. 2
•
Changed the the RECOMMENDED OPERATING CONDITIONS so that Note (2) is associated with all device
options in the Input pulse width and Signaling rate .............................................................................................................. 3
•
Changed Note (2) From: Typical signaling rate under ideal conditions at 25°C. To: Typical signaling rate and Input
pulse width are measured at ideal conditions at 25°C. ........................................................................................................ 3
22
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com