Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 39 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments XIO2001 Datasheet HTML 41Page - Texas Instruments XIO2001 Datasheet HTML 42Page - Texas Instruments XIO2001 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
3.10.4 Accessing Serial-Bus Devices Through Software
The bridge provides a programming mechanism to control serial-bus devices through system software.
The programming is accomplished through a doubleword of PCI configuration space at offset B0h.
Table 3-9 lists the registers that program a serial-bus device through software.
Table 3-9. Registers Used To Program Serial-Bus Devices
PCI OFFSET
REGISTER NAME
DESCRIPTION
B0h
Serial-bus data (see
Contains the data byte to send on write commands or the received data byte on read
Section 4.55)
commands.
B1h
Serial-bus word address
The content of this register is sent as the word address on byte writes or reads. This register is
(see Section 4.56)
not used in the quick command protocol. Bit 7 (PROT_SEL) in the serial-bus control and status
register (offset B3h, see Section 4.58) is set to 1b to enable the slave address to be sent.
B2h
Serial-bus slave address
Write transactions to this register initiate a serial-bus transaction. The slave device address and
(see Section 4.57)
the R/W command selector are programmed through this register.
B3h
Serial-bus control and
Serial interface enable, busy, and error status are communicated through this register. In
status (see Section 4.58)
addition, the protocol-select bit (PROT_SEL) and serial-bus test bit (SBTEST) are programmed
through this register.
To access the serial EEPROM through the software interface, the following steps are performed:
1. The control and status byte is read to verify the EEPROM interface is enabled (SBDETECT asserted)
and not busy (REQBUSY and ROMBUSY deasserted).
2. The serial-bus word address is loaded. If the access is a write, then the data byte is also loaded.
3. The serial-bus slave address and R/W command selector byte is written.
4. REQBUSY is monitored until this bit is deasserted.
5. SB_ERR is checked to verify that the serial-bus operation completed without error. If the operation is a
read, then the serial-bus data byte is now valid.
3.11 Advanced Error Reporting Registers
In the extended PCI Express configuration space, the bridge supports the advanced error reporting
capabilities structure. For the PCI Express interface, both correctable and uncorrectable error statuses are
provided. For the PCI bus interface, secondary uncorrectable error status is provided. All uncorrectable
status bits have corresponding mask and severity control bits. For correctable status bits, only mask bits
are provided.
Both the primary and secondary interfaces include first error pointer and header log registers. When the
first error is detected, the corresponding bit position within the uncorrectable status register is loaded into
the first error pointer register. Likewise, the header information associated with the first failing transaction
is loaded into the header log. To reset this first error control logic, the corresponding status bit in the
uncorrectable status register is cleared by a writeback of 1b.
For systems that require high data reliability, ECRC is fully supported on the PCI Express interface. The
primary side advanced error capabilities and control register has both ECRC generation and checking
enable control bits. When the checking bit is asserted, all received TLPs are checked for a valid ECRC
field. If the generation bit is asserted, then all transmitted TLPs contain a valid ECRC field.
3.12 Data Error Forwarding Capability
The bridge supports the transfer of data errors in both directions.
If a downstream PCI Express transaction with a data payload is received that targets the internal PCI bus
and the EP bit is set indicating poisoned data, then the bridge must ensure that this information is
transferred to the PCI bus. To do this, the bridge forces a parity error on each PCI bus data phase by
inverting the parity bit calculated for each double-word of data.
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
39
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com