Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 16 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 2-2. Ground Terminals
SIGNAL
ZGU BALL #
ZAJ BALL #
I/O TYPE
DESCRIPTION
VSS
D04, F04, H04,
E06, F05, G05, H05,
GND
Digital ground terminals
K04, K05, K06,
J05, J06, J09, H09,
K08, L11, J10,
E09, E08, E07, F12
D10, D08, D06,
,F09
F11, F12
VSS
E05, E06, E07,
GND
Ground terminals for thermally-enhanced package
E08, E09, F05,
F06, F07, F08,
F09, G05, G06,
G07, G08, G09,
H05, H06, H07,
H08, H09, J05,
J06, J07, J08,
J09
VSSA
K10, C11, H12,
G09, B12, J13, G12,
GND
Analog ground terminal
G11, E11, E10
F13, D12
Table 2-3. Combined Power Output Terminals
ZGU
ZAJ
PNP
I/O
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
PARTS
VDD_15_COMB
L13
N13
69
Internally-combined 1.5-V main and VAUX power
output for external bypass capacitor filtering.
Feed
Bypass
Supplies all internal 1.5-V circuitry powered by VAUX.
through
capacitors
Caution: Do not use this terminal to supply external
power to other devices.
VDD_33_COMB
J13
K12
75
Internally-combined 3.3-V main and VAUX power
output for external bypass capacitor filtering.
Feed
Bypass
Supplies all internal 3.3-V circuitry powered by VAUX.
through
capacitors
Caution: Do not use this terminal to supply external
power to other devices.
VDD_33_COMBIO
K11
K11
70
Internally-combined 3.3-V main and VAUX power
output for external bypass capacitor filtering.
Supplies all internal 3.3-V input/output circuitry
Feed
Bypass
powered by VAUX.
through
capacitors
Caution: Do not use this terminal to supply external
power to other devices.
Table 2-4. PCI Express Terminals
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
CLKREQ
D11
D11
91
0
LV
VDD_33_
Clock request. When asserted low, requests
CMOS
COMBIO
upstream device start clock in cases where clock
may be removed in L1.
–
Note: Since CLKREQ is an open-drain output
buffer, a system side pullup resistor is required.
PERST
H11
H11
77
I
LV
VDD_33_
PCI Express reset input. The PERST signal
CMOS
COMBIO
identifies when the system power is stable and
–
generates an internal power on reset.
Note: The PERST input buffer has hysteresis.
REFCLK125_SEL
B13
A13
95
I
LV
VDD_33
Reference clock select. This terminal selects the
CMOS
reference clock input.
Pullup or
pulldown
0 = 100-MHz differential common reference clock
resistor
used.
1 = 125-MHz single-ended, reference clock used.
16
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com