Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 4 Page - Texas Instruments

  CDCE62005 Datasheet HTML 1Page - Texas Instruments CDCE62005 Datasheet HTML 2Page - Texas Instruments CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
PIN FUNCTIONS (1) (continued)
PIN
TYPE
DESCRIPTION
NAME
QFN
REF_SEL
31
I
If Auto Reference Select Mode is OFF this Pin acts as External Input Reference Select Pin;
The REF_SEL signal selects one of the two input clocks:
REF_SEL [1]: PRI_IN is selected; REF_SEL [0]: SEC_IN is selected;
The input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level
“1”. If Auto Reference Select Mode in ON this Pin not used.
Power_Down
12
I
Active Low. Power down mode can be activated via this pin. See Table 15 for more details. The
input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level “1”.
SPI_LE has to be HIGH in order for the rising edge of Power_Down signal to load the
EEPROM.
SYNC
14
I
Active Low. Sync mode can be activated via this pin. See Table 15 for more details. The input
has an internal 150-k
Ω, pull-up resistor if left unconnected it will default to logic level “1”.
AUX IN
43
I
Auxiliary Input is a single ended input including an on-board oscillator circuit so that a crystal
may be connected.
AUX OUT
13
O
Auxiliary Output LVCMOS level that can be programmed via SPI interface to be driven by
Output 2 or Output 3.
PRI REF+
45
I
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Primary Reference
Clock,
PRI REF–
46
I
Universal Input Buffer (LVPECL, LVDS) negative input for the Primary Reference Clock. In case
of LVCMOS signaling Ground this pin.
SEC REF+
I
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Secondary Reference
3
Clock,
SEC REF–
2
I
Universal Input Buffer (LVPECL, LVDS,) negative input for the Secondary Reference Clock.
TESTOUTA
30
Analog
Analog Test Point for Use for TI Internal Testing. Pull Down to GND Via a 1k
Ωs Resistor.
REG_CAP1
4
Analog
Capacitor for the internal Regulator. Connect to a 10uF Capacitor (Y5V)
REG_CAP2
38
Analog
Capacitor for the internal Regulator. Connect to a 10uF Capacitor (Y5V)
VBB
48
Analog
Capacitor for the internal termination Voltage. Connect to a 1uF Capacitor (Y5V)
EXT_LFP
40
Analog
External Loop Filter Input Positive
EXT_LFN
41
Analog
External Loop Filter Input Negative.
PLL_LOCK
37
AI/O
Output that indicates PLL Lock Status. See Figure 37.
U0P:U0N
27, 28
O
The Main outputs of CDCE62005 are user definable and can be any combination of up to 5
LVPECL outputs, 5 LVDS outputs or up to 10 LVCMOS outputs. The outputs are selectable via
U1P:U1N:
19, 20
SPI interface. The power-up setting is EEPROM configurable.
U2P:U2N
16,17
U3P:U3N
9, 10
U4P:U4N
6, 7
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com