Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 24Page - Texas Instruments CDCE62005 Datasheet HTML 25Page - Texas Instruments CDCE62005 Datasheet HTML 26Page - Texas Instruments CDCE62005 Datasheet HTML 27Page - Texas Instruments CDCE62005 Datasheet HTML 28Page - Texas Instruments CDCE62005 Datasheet HTML 29Page - Texas Instruments CDCE62005 Datasheet HTML 30Page - Texas Instruments CDCE62005 Datasheet HTML 31Page - Texas Instruments CDCE62005 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Device Registers: Register 1
Table 7. CDCE62005 Register 1 Bit Definitions
SPI
RA
BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
M
BLOCK
BIT
0
A0
Address 0
1
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
0
4
0
DIV2SECX
Pre-Divider Selection for the Secondary Reference
EEPROM
Secondary
(X,Y)=00:3-state, 01:Divide by “1”, 10:Divide by “2”, 11:Reserved
Reference
5
1
DIV2SECY
EEPROM
6
2
RESERVED
Used in Test Mode
EEPROM
7
3
RESERVED
Used in Test Mode
EEPROM
8
4
OUTMUX1SELX
Output 1
OUTPUT MUX “1” Select. Selects the Signal driving Output Divider”1”
EEPROM
(X,Y) = 00: PRI_IN, 01:SEC_IN, 10:SMART_MUX, 11:VCO_CORE
9
5
OUTMUX1SELY
Output 1
EEPROM
10
6
PH1ADJC0
Output 1
EEPROM
11
7
PH1ADJC1
Output 1
EEPROM
12
8
PH1ADJC2
Output 1
EEPROM
13
9
PH1ADJC3
Output 1
Coarse phase adjust select for output divider “1”
EEPROM
14
10
PH1ADJC4
Output 1
EEPROM
15
11
PH1ADJC5
Output 1
EEPROM
16
12
PH1ADJC6
Output 1
EEPROM
17
13
OUT1DIVRSEL0
Output 1
EEPROM
18
14
OUT1DIVRSEL1
Output 1
EEPROM
19
15
OUT1DIVRSEL2
Output 1
EEPROM
20
16
OUT1DIVRSEL3
Output 1
OUTPUT DIVIDER “1” Ratio Select
EEPROM
21
17
OUT1DIVRSEL4
Output 1
EEPROM
22
18
OUT1DIVRSEL5
Output 1
EEPROM
23
19
OUT1DIVRSEL6
Output 1
EEPROM
When set to “0”, the divider is disabled
24
20
OUT1DIVSEL
Output 1
EEPROM
When set to “1”, the divider is enabled
High Swing LVPECL When set to “1” and Normal Swing when set to “0”
– If LVCMOS or LVDS is selected the Output swing will stay at the same level.
25
21
HiSWINGLVPECL1
Output 1
EEPROM
– If LVPECL buffer is selected the Output Swing will be 30% higher if this bit is set to “1”
and Normal LVPECL if it is set to “0”.
26
22
CMOSMODE1PX
Output 1
LVCMOS mode select for OUTPUT “1” Positive Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
27
23
CMOSMODE1PY
Output 1
EEPROM
28
24
CMOSMODE1NX
Output 1
LVCMOS mode select for OUTPUT “1” Negative Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
29
25
CMOSMODE1NY
Output 1
EEPROM
30
26
OUTBUFSEL1X
Output 1
OUTPUT TYPE
RAM BITS
EEPROM
22
23
24
25
26
27
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
31
27
OUTBUFSEL1Y
Output 1
EEPROM
LVCMOS
See Settings Above*
0
0
Output Disabled
0
1
0
1
1
0
* Use Description for Bits 22,23,24 and 25 for setting the LVCMOS Outputs
28
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com