Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM75ADP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal watchdog
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75ADP Datasheet(HTML) 1 Page - NXP Semiconductors

  LM75ADP Datasheet HTML 1Page - NXP Semiconductors LM75ADP Datasheet HTML 2Page - NXP Semiconductors LM75ADP Datasheet HTML 3Page - NXP Semiconductors LM75ADP Datasheet HTML 4Page - NXP Semiconductors LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The LM75A is a temperature-to-digital converter using an on-chip band gap temperature
sensor and Sigma-delta A-to-D conversion technique. The device is also a thermal
detector providing an overtemperature detection output. The LM75A contains a number of
data registers: Configuration register (Conf) to store the device settings such as device
operation mode, OS operation mode, OS polarity and OS fault queue as described in
Section 7 “Functional description”; temperature register (Temp) to store the digital temp
reading, and set-point registers (Tos and Thyst) to store programmable overtemperature
shutdown and hysteresis limits, that can be communicated by a controller via the 2-wire
serial I2C-bus interface. The device also includes an open-drain output (OS) which
becomes active when the temperature exceeds the programmed limits. There are three
selectable logic address pins so that eight devices can be connected on the same bus
without address conflict.
The LM75A can be configured for different operation conditions. It can be set in normal
mode to periodically monitor the ambient temperature, or in shutdown mode to minimize
power consumption. The OS output operates in either of two selectable modes:
OS comparator mode or OS interrupt mode. Its active state can be selected as either
HIGH or LOW. The fault queue that defines the number of consecutive faults in order to
activate the OS output is programmable as well as the set-point limits.
The temperature register always stores an 11-bit 2's complement data giving a
temperature resolution of 0.125
°C. This high temperature resolution is particularly useful
in applications of measuring precisely the thermal drift or runaway.
The device is powered-up in normal operation mode with the OS in comparator mode,
temperature threshold of 80
°C and hysteresis of 75 °C, so that it can be used as a
stand-alone thermostat with those pre-defined temperature set points.
2.
Features
I Pin-for-pin replacement for industry standard LM75 and offers improved temperature
resolution of 0.125
°C and specification of a single part over power supply range from
2.8 V to 5.5 V
I Small 8-pin package types: SO8 and TSSOP8
I I2C-bus interface with up to 8 devices on the same bus
I Power supply range from 2.8 V to 5.5 V
I Temperatures range from −55 °C to +125 °C
I 11-bit ADC that offers a temperature resolution of 0.125 °C
LM75A
Digital temperature sensor and thermal watchdog
Rev. 04 — 10 July 2007
Product data sheet


Similar Part No. - LM75ADP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75ADP PHILIPS-LM75ADP Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
More results

Similar Description - LM75ADP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
logo
STMicroelectronics
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com