Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1759 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1759 Datasheet HTML 1Page - NXP Semiconductors LPC1759 Datasheet HTML 2Page - NXP Semiconductors LPC1759 Datasheet HTML 3Page - NXP Semiconductors LPC1759 Datasheet HTML 4Page - NXP Semiconductors LPC1759 Datasheet HTML 5Page - NXP Semiconductors LPC1759 Datasheet HTML 6Page - NXP Semiconductors LPC1759 Datasheet HTML 7Page - NXP Semiconductors LPC1759 Datasheet HTML 8Page - NXP Semiconductors LPC1759 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
LPC1759_58_56_54_52_51_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
4 of 64
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1759FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
LPC1758FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
LPC1756FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
LPC1754FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
LPC1752FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
LPC1751FBD80
LQFP80
plastic low-profile quad package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1
Table 2.
Ordering options
Type number
Flash
SRAM in kB
Ethernet USB
CAN I2S-bus
DAC Maximum
CPU
operating
frequency
CPU AHB
SRAM0
AHB
SRAM1
Total
LPC1759FBD80 512 kB 32
16
16
64
no
Device/Host/OTG 2
yes
yes
120 MHz
LPC1758FBD80 512 kB 32
16
16
64
yes
Device/Host/OTG 2
yes
yes
100 MHz
LPC1756FBD80 256 kB 16
16
-
32
no
Device/Host/OTG 2
yes
yes
100 MHz
LPC1754FBD80 128 kB 16
16
-
32
no
Device/Host/OTG 1
no
yes
100 MHz
LPC1752FBD80 64 kB
16
-
-
16
no
Device only
1
no
no
100 MHz
LPC1751FBD80 32 kB
8
-
-
8
no
Device only
1
no
no
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com