Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1313 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors LPC1313 Datasheet HTML 10Page - NXP Semiconductors LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors LPC1313 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
9 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
PIO0_3/USB_VBUS
14[2]
I/O
PIO0_3 — General purpose digital input/output pin. LPC1343 only: A LOW
level on this pin during reset starts the ISP command handler, a HIGH level
starts the USB device enumeration.
I
USB_VBUS — Monitors the presence of USB bus power (LPC1343 only).
PIO0_4/SCL
15[3]
I/O
PIO0_4 — General purpose digital input/output pin (open-drain).
I/O
SCL — I2C-bus clock input/output (open-drain). High-current sink only if I2C
Fast-mode Plus is selected in the I/O configuration register.
PIO0_5/SDA
16[3]
I/O
PIO0_5 — General purpose digital input/output pin (open-drain).
I/O
SDA — I2C-bus data input/output (open-drain). High-current sink only if I2C
Fast-mode Plus is selected in the I/O configuration register.
PIO0_6/USB_CONNECT/
SCK
22[2]
I/O
PIO0_6 — General purpose digital input/output pin.
O
USB_CONNECT — Signal used to switch an external 1.5 k
Ω resistor under
software control. Used with the SoftConnect USB feature (LPC1343 only).
I/O
SCK — Serial clock for SSP.
PIO0_7/CTS
23[2]
I/O
PIO0_7 — General purpose digital input/output pin (high-current output
driver).
I
CTS — Clear To Send input for UART.
PIO0_8/MISO/
CT16B0_MAT0
27[2]
I/O
PIO0_8 — General purpose digital input/output pin.
I/O
MISO — Master In Slave Out for SSP.
O
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI/
CT16B0_MAT1/
SWO
28[2]
I/O
PIO0_9 — General purpose digital input/output pin.
I/O
MOSI — Master Out Slave In for SSP.
O
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
O
SWO — Serial wire trace output.
SWCLK/PIO0_10/
SCK/CT16B0_MAT2
29[2]
I
SWCLK — Serial wire clock.
I/O
PIO0_10 — General purpose digital input/output pin.
O
SCK — Serial clock for SSP.
O
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
R/PIO0_11/
AD0/CT32B0_MAT3
32[4]
I
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO0_11 — General purpose digital input/output pin.
I
AD0 — A/D converter, input 0.
O
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
R/PIO1_0/
AD1/CT32B1_CAP0
33[4]
I
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO1_0 — General purpose digital input/output pin.
I
AD1 — A/D converter, input 1.
I
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/
AD2/CT32B1_MAT0
34[4]
O
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO1_1 — General purpose digital input/output pin.
I
AD2 — A/D converter, input 2.
O
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
Table 3.
LPC1313/43 LQFP48 pin description table …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com