Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1313 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1313 Datasheet HTML 1Page - NXP Semiconductors LPC1313 Datasheet HTML 2Page - NXP Semiconductors LPC1313 Datasheet HTML 3Page - NXP Semiconductors LPC1313 Datasheet HTML 4Page - NXP Semiconductors LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1.
General description
The LPC1311/13/42/43 are ARM Cortex-M3 based microcontrollers for embedded
applications featuring a high level of integration and low power consumption. The ARM
Cortex-M3 is a next generation core that offers system enhancements such as enhanced
debug features and a higher level of support block integration.
The LPC1311/13/42/43 operate at CPU frequencies of up to 72 MHz. The ARM
Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals. The ARM
Cortex-M3 CPU also includes an internal prefetch unit that supports speculative
branching.
The peripheral complement of the LPC1311/13/42/43 includes up to 32 kB of flash
memory, up to 8 kB of data memory, USB Device (LPC1342/43 only), one Fast-mode Plus
I2C-bus interface, one UART, four general purpose timers, and up to 42 general purpose
I/O pins.
2.
Features and benefits
ARM Cortex-M3 processor, running at frequencies of up to 72 MHz.
ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
32 kB (LPC1343/13)/16 kB (LPC1342)/8 kB (LPC1311) on-chip flash programming
memory.
8 kB (LPC1343/13)/4 kB (LPC1342/11) SRAM.
In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
Selectable boot-up: UART or USB (USB on LPC134x only).
On LPC134x: USB MSC and HID on-chip drivers.
Serial interfaces:
USB 2.0 full-speed device controller with on-chip PHY for device (LPC1342/43
only).
UART with fractional baud rate generation, modem, internal FIFO, and
RS-485/EIA-485 support.
SSP controller with FIFO and multi-protocol capabilities.
I2C-bus interface supporting full I2C-bus specification and Fast-mode Plus with a
data rate of 1 Mbit/s with multiple address recognition and monitor mode.
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and
8 kB SRAM; USB device
Rev. 02 — 6 May 2010
Product data sheet


Similar Part No. - LPC1313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1313 NXP-LPC1313 Datasheet
273Kb / 53P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1313 NXP-LPC1313 Datasheet
1Mb / 62P
32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1313 NXP-LPC1313 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1313FBD48 NXP-LPC1313FBD48 Datasheet
1Mb / 73P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1313FBD48 NXP-LPC1313FBD48 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results

Similar Description - LPC1313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com