Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2104 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 32Page - NXP Semiconductors LPC2104 Datasheet HTML 33Page - NXP Semiconductors LPC2104 Datasheet HTML 34Page - NXP Semiconductors LPC2104 Datasheet HTML 35Page - NXP Semiconductors LPC2104 Datasheet HTML 36Page - NXP Semiconductors LPC2104 Datasheet HTML 37Page - NXP Semiconductors LPC2104 Datasheet HTML 38Page - NXP Semiconductors LPC2104 Datasheet HTML 39Page - NXP Semiconductors LPC2104 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
36 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
10. Package outline
Fig 13. Package outline SOT313-2 (LQFP48)
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.6
0.20
0.05
1.45
1.35
0.25
0.27
0.17
0.18
0.12
7.1
6.9
0.5
9.15
8.85
0.95
0.55
7
0
o
o
0.12
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT313-2
MS-026
136E05
00-01-19
03-02-25
D(1)
(1)
(1)
7.1
6.9
HD
9.15
8.85
E
Z
0.95
0.55
D
bp
e
E
B
12
D
H
b p
E
H
v M B
D
ZD
A
Z E
e
v M A
1
48
37
36
25
24
13
θ
A1
A
L p
detail X
L
(A )
3
A2
X
y
c
w M
w M
0
2.5
5 mm
scale
pin 1 index
LQFP48: plastic low profile quad flat package; 48 leads; body 7 x 7 x 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com