Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2104 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 33Page - NXP Semiconductors LPC2104 Datasheet HTML 34Page - NXP Semiconductors LPC2104 Datasheet HTML 35Page - NXP Semiconductors LPC2104 Datasheet HTML 36Page - NXP Semiconductors LPC2104 Datasheet HTML 37Page - NXP Semiconductors LPC2104 Datasheet HTML 38Page - NXP Semiconductors LPC2104 Datasheet HTML 39Page - NXP Semiconductors LPC2104 Datasheet HTML 40Page - NXP Semiconductors LPC2104 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
39 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
12. Revision history
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2104_2105_2106_7
20080620
Product data sheet
-
LPC2104_2105_2106_6
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 3 “Ordering information”; corrected temperature range for LPC2104FBD48/00,
LPC2105FBD48/00.
• Parts LPC2104FBD48/01, LPC2105FBD48/01, LPC2106BBD48, LPC2106FBD48/01,
and LPC2106FHN48/01 added.
• Description of /01 features added.
• LPC2104/2105/2106/01 power consumption measurements added.
• Maximum frequency fosc for external oscillator and external crystal updated.
• Figure 12 “External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)”
updated.
• Condition for IOHS and IOLS updated in Table 9 “Static characteristics”.
LPC2104_2105_2106_6
20060725
Product data sheet
-
LPC2104_2105_2106-05
LPC2104_2105_2106-05
20041222
Product data
-
LPC2104_2105_2106-04
LPC2104_2105_2106-04
20040205
Product data
-
LPC2104_2105_2106-03
LPC2104_2105_2106-03
20031007
Product data
-
LPC2104_2105_2106-02
LPC2104_2105_2106-02
20030611
Product data
-
LPC2104_2105_2106-01
LPC2104_2105_2106-01
20030425
Product data
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com