Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE610QTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 8Page - STMicroelectronics STMPE610QTR Datasheet HTML 9Page - STMicroelectronics STMPE610QTR Datasheet HTML 10Page - STMicroelectronics STMPE610QTR Datasheet HTML 11Page - STMicroelectronics STMPE610QTR Datasheet HTML 12Page - STMicroelectronics STMPE610QTR Datasheet HTML 13Page - STMicroelectronics STMPE610QTR Datasheet HTML 14Page - STMicroelectronics STMPE610QTR Datasheet HTML 15Page - STMicroelectronics STMPE610QTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
SPI interface
STMPE610
12/56
Doc ID 15432 Rev 3
5
SPI interface
The SPI interface in STMPE610 uses a 4-wire communication connection (DATA IN, DATA
OUT, CLK, CS). In the diagram, “Data in” is referred to as MOSI (master out slave in) and
“DATA out” is referred to as MISO (master in slave out).
5.1
SPI protocol definition
The SPI (serial peripheral interface) follows a byte sized transfer protocol. All transfers begin
with an assertion of CS_n signal (falling edge). The protocol for reading and writing is
different and the selection between a read and a write cycle is dependent on the first
captured bit on the slave device. A '1' denotes a read operation and a '0' denotes a write
operation. The SPI protocol defined in this section is shown in Figure 3.
The following are the main features supported by this SPI implementation.
●
Support of 1 MHz maximum clock frequency.
●
Support for autoincrement of address for both read and write.
●
Full duplex support for read operation.
●
Daisy chain configuration support for write operation.
●
Robust implementation that can filter glitches of up to 50 ns on the CS_n and SCL pins.
●
Support for all 4 modes of SPI as defined by the CPHA, CPOL bits on SPICON.
5.1.1
Register read
The following steps need to be followed for register read through SPI.
1.
Assert CS_n by driving a '0' on this pin.
2.
Drive a '1' on the first SCL launch clock on MOSI to select a read operation.
3.
The next 7 bits on MOSI denote the 7-bit register address (MSB first).
4.
The next address byte can now be transmitted on the MOSI. If the autoincrement bit is
set, the following address transmitted on the MOSI is ignored. Internally, the address is
incremented. If the autoincrement bit is not set, then the following byte denotes the
address of the register to be read next.
5.
Read data is transmitted by the slave device on the MISO (MSB first), starting from the
launch clock following the last address bit on the MOSI.
6.
Full duplex read operation is achieved by transmitting the next address on MOSI while
the data from the previous address is available on MISO.
7.
To end the read operation, a dummy address of all 0's is sent on MOSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com