Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE610QTR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 46Page - STMicroelectronics STMPE610QTR Datasheet HTML 47Page - STMicroelectronics STMPE610QTR Datasheet HTML 48Page - STMicroelectronics STMPE610QTR Datasheet HTML 49Page - STMicroelectronics STMPE610QTR Datasheet HTML 50Page - STMicroelectronics STMPE610QTR Datasheet HTML 51Page - STMicroelectronics STMPE610QTR Datasheet HTML 52Page - STMicroelectronics STMPE610QTR Datasheet HTML 53Page - STMicroelectronics STMPE610QTR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Package mechanical data
STMPE610
50/56
Doc ID 15432 Rev 3
Table 25.
Package mechanical data for QFN16 (3 x 3 x 1 mm) - 0.50 mm pitch
Symbol
Millimeters
Min
Typ
Max
A
0.80
0.90
1.00
A1
−
0.02
0.05
A3
−
0.20
−
b
0.18
0.25
0.30
D
−
3.00
−
D2
1.55
1.70
1.80
E
−
3.00
−
E2
1.55
1.70
1.80
e
−
0.50
−
K
−
0.20
−
L
0.30
0.40
0.50
r0.09
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com