Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE821 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STMPE821
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STMPE821_09 Datasheet HTML 40Page - STMicroelectronics STMPE821_09 Datasheet HTML 41Page - STMicroelectronics STMPE821_09 Datasheet HTML 42Page - STMicroelectronics STMPE821_09 Datasheet HTML 43Page - STMicroelectronics STMPE821_09 Datasheet HTML 44Page - STMicroelectronics STMPE821_09 Datasheet HTML 45Page - STMicroelectronics STMPE821_09 Datasheet HTML 46Page - STMicroelectronics STMPE821_09 Datasheet HTML 47Page - STMicroelectronics STMPE821_09 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Basic PWM controller
STMPE821
44/55
PWM_n_SETUP
PWM_n setup register (n=0-3)
Address:
0xB0
Type:
R/W
Reset:
0x00
Description:
PWM setup register.
7
654
3210
BRIGHTNESS
TIMING
[7:4] BRIGHTNESS:
This defines the duty cycle during the ON period of the PWM channel output which in turn
determines the brightness level of the LED that the PWM output drives.
0000: Duty cycle ratio 1:15 (6.25%, minimum brightness)
0001: Duty cycle ratio 2:14 (12.50%)
0010: Duty cycle ratio 3:13 (18.75%)
0011: Duty cycle ratio 4:12 (25.00%)
0100: Duty cycle ratio 5:11 (31.25%)
0101: Duty cycle ratio 6:10 (37.50%)
0110: Duty cycle ratio 7: 9 (43.75%)
0111: Duty cycle ratio 8: 8 (50.00%)
1000: Duty cycle ratio 9: 7 (56.25%)
1001: Duty cycle ratio 10: 6 (62.50%)
1010: Duty cycle ratio 11: 5 (68.75%)
1011: Duty cycle ratio 12: 4 (75.00%)
1100: Duty cycle ratio 13: 3 (81.25%)
1101: Duty cycle ratio 14: 2 (87.50%)
1110: Duty cycle ratio 15: 1 (93.75%)
1111: Duty cycle ratio 16: 0 (100.00%, maximum brightness)
[3:1] TIMING[3:0] is the time unit from which the duration of the ON period and OFF period is
defined in:
"000" = 20 mS
"001" = 40 mS
"010" = 80 mS
"011" = 160 mS
"100" = 320 mS
"101" = 640 mS
"110" = 1280 mS
"111" = 2560 mS
[0] Write '1' to activate ramp mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com