Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE821 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STMPE821
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STMPE821_09 Datasheet HTML 43Page - STMicroelectronics STMPE821_09 Datasheet HTML 44Page - STMicroelectronics STMPE821_09 Datasheet HTML 45Page - STMicroelectronics STMPE821_09 Datasheet HTML 46Page - STMicroelectronics STMPE821_09 Datasheet HTML 47Page - STMicroelectronics STMPE821_09 Datasheet HTML 48Page - STMicroelectronics STMPE821_09 Datasheet HTML 49Page - STMicroelectronics STMPE821_09 Datasheet HTML 50Page - STMicroelectronics STMPE821_09 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
STMPE821
Maximum rating
47/55
10
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 12.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Typ
Max
VCC
Power supply
−−
2.5
V
VIO
GPIO supply voltage
−−
4.5
V
VESD
ESD protection on each GPIO/touch pin
−−
8kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com