Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE821QTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 14Page - STMicroelectronics STMPE821QTR Datasheet HTML 15Page - STMicroelectronics STMPE821QTR Datasheet HTML 16Page - STMicroelectronics STMPE821QTR Datasheet HTML 17Page - STMicroelectronics STMPE821QTR Datasheet HTML 18Page - STMicroelectronics STMPE821QTR Datasheet HTML 19Page - STMicroelectronics STMPE821QTR Datasheet HTML 20Page - STMicroelectronics STMPE821QTR Datasheet HTML 21Page - STMicroelectronics STMPE821QTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
System and identification registers
STMPE821
18/55
Table 7.
Sensor clock setting
Mode
Divider
Sensor clock
[2:0]
Active
Calibration
Operational
(6.5 MHz)
1
000
12.8 KHz
100 KHz
2
001
6.4 KHz
50 KHz
4
010
3.2 KHz
25 KHz
8
011
1.6 KHz
12.5 KHz
16
1xx
800 Hz
6.25 KHz
Autosleep
(200 KHz)
1
000
400 Hz
3.2 KHz
2
001
200 Hz
1.6 KHz
4
010
100 Hz
800 Hz
8
011
50 Hz
400 Hz
16
1xx
25 Hz
200 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com