Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE821QTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 16Page - STMicroelectronics STMPE821QTR Datasheet HTML 17Page - STMicroelectronics STMPE821QTR Datasheet HTML 18Page - STMicroelectronics STMPE821QTR Datasheet HTML 19Page - STMicroelectronics STMPE821QTR Datasheet HTML 20Page - STMicroelectronics STMPE821QTR Datasheet HTML 21Page - STMicroelectronics STMPE821QTR Datasheet HTML 22Page - STMicroelectronics STMPE821QTR Datasheet HTML 23Page - STMicroelectronics STMPE821QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Interrupt controller module
STMPE821
20/55
INT_CTRL
Interrupt control register
Address:
0x08
Type:
R/W
Reset:
0x00
Description:
This register is used to enable control the polarity, edge/level and enabling of the
interrupt system.device
7
654
3210
POLARITY
TYPE
INT_EN
[7:3] RESERVED
[2] POLARITY:
'0' for active low
'1' for active high
For active low operation, the INT pin should be externally pulled high (up to 3.3 V, but
≤VIO).
The INT pin will be pulled to GND when there is a pending interrupt.
For active high operation, the INT pin should be externally pulled to GND. In this mode, the INT
pin will be pulled to VCC by the device when there is a pending interrupt.
[1] TYPE:
'0' for level trigger
'1' for edge trigger (pulse width is 200 nS)
[0] INT_EN:
'0' to disable all interrupt
'1' to enable all interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com