Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX258CJM4A Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 112Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
109
3.7.17.4
SSI Receiver Timing with External Clock
Figure 81 shows the timing for SSI receiver with external clock. Table 82 describes the timing
parameters (SS22–SS41) used in the figure.
Figure 81. SSI Receiver with External Clock Timing Diagram
Note:
• All the timings for the SSI are given for a non-inverted serial clock polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timing remains valid by inverting
the clock signal STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables and in the figures.
• All timings are on pads when SSI is being used for data transfer.
Table 82. SSI Receiver Timing with External Clock
ID
Parameter
Min.
Max.
Unit
External Clock Operation
SS22
(Tx/Rx) CK clock period
81.4
—
ns
SS23
(Tx/Rx) CK clock high period
36.0
—
ns
SS24
(Tx/Rx) CK clock rise time
—
6.0
ns
SS25
(Tx/Rx) CK clock low period
36.0
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS28
FS (bl) low/high setup before (Tx) CK falling
–10.0
15.0
ns
SS30
FS (bl) low/high setup before (Tx) CK falling
10.0
—
ns
SS32
FS (wl) low/high setup before (Tx) CK falling
–10.0
15.0
ns
SS34
FS (wl) low/high setup before (Tx) CK falling
10.0
—
ns
SS35
(Tx/Rx) External FS rise time
—
6.0
ns
SS36
(Tx/Rx) External FS fall time
—
6.0
ns
SS40
SRXD setup time before (Rx) CK low
10.0
—
ns
SS41
SRXD hold time after (Rx) CK low
2.0
—
ns
SS24
SS35
SS30
SS26
SS25
SS23
AUDn_TXC
AUDn_TXFS (bl)
AUDn_TXFS (wl)
AUDn_RXD
SS40
SS22
SS32
SS36
SS41
(Input)
(Input)
(Input)
(Input)
SS28
SS34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com