Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX258CJM4A Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
106
Freescale Semiconductor
3.7.17.2
SSI Receiver Timing with Internal Clock
Figure 79 shows the timing for the SSI receiver with internal clock. Table 80 describes the timing
parameters (SS1–SS51) shown in the figure.
Figure 79. SSI Receiver Internal Clock Timing Diagram
Table 80. SSI Receiver Timing with Internal Clock
ID
Parameter
Min.
Max.
Unit
Internal Clock Operation
SS1
(Tx/Rx) CK clock period
81.4
—
ns
SS2
(Tx/Rx) CK clock high period
36.0
—
ns
SS3
(Tx/Rx) CK clock rise time
—
6.0
ns
SS4
(Tx/Rx) CK clock low period
36.0
—
ns
SS5
(Tx/Rx) CK clock fall time
—
6.0
ns
SS7
(Rx) CK high to FS (bl) high
—
15.0
ns
SS9
(Rx) CK high to FS (bl) low
—
15.0
ns
SS11
(Rx) CK high to FS (wl) high
—
15.0
ns
SS13
(Rx) CK high to FS (wl) low
—
15.0
ns
SS20
SRXD setup time before (Rx) CK low
10.0
—
ns
SS21
SRXD hold time after (Rx) CK low
0.0
—
ns
Oversampling Clock Operation
SS47
Oversampling clock period
15.04
—
ns
SS50
SS48
AUDn_TXC
AUDn_TXFS (bl)
AUDn_TXFS (wl)
AUDn_RXD
AUDn_RXC
SS1
SS4
SS2
SS51
SS20
SS21
SS49
SS7
SS9
SS11
SS13
SS47
(Output)
(Output)
(Output)
(Input)
(Output)
SS3
SS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com