Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX258CJM4A Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 129Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 130Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 131Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
133
4.6
Ground, Power, Sense, and Reference Contact Assignments
Case 12x12 mm, 0.5 mm Pitch
Table 102 shows the 12
×12 mm package ground, power, sense, and reference contact assignments.
Table 102. 12x12 mm Package Ground, Power Sense, and Reference Contact Assignments
Contact Name
Contact Assignment
BATT_VDD
AA10
FUSE_VDD
P18
MPLL_GND
V17
MPLL_VDD
W19
NGND_ADC
N15
NVCC_ADC
P15
NVCC_CRM
P16
NVCC_CSI
J15, J16
NVCC_DRYICE
R14
NVCC_EMI1
G8, G9, G10, H8, H9, H10
NVCC_EMI2
E15, F15, G15, G16, H15, H16
NVCC_JTAG
W10
NVCC_LCDC
R8, R9, T8
NVCC_MISC
P7, P8, R7, T7
NVCC_NFC
J7, J8, K7, K8
NVCC_SDIO
N19
OSC24M_GND
T15
OSC24M_VDD
V15
QGND
A1, A22, B2, B14, B21, E18, F13, F14, F18, G6, G11, G12, G14, H11, H12, H14, J12, K10, K11,
K12, K13, L7, L8, L9, L10, L11, L12, L13, L14, L15, L16, M7, M8, M9, M10, M11, M12, M13, M14,
M15, M16, N10, N11, N12, N13, P11, P12, R11, R12, R18, T5, T6, T11, T12, T18, V18, V19, W2,
W9, Y21, AA2, AA21, AB1, AB18, AB21, AB22, J11
QVDD
G7, G13, H7, H13, H18, J18, N7, N8, R10, R15, R16, T9, T10, V10,
REF
AA14
UPLL_GND
N16
UPLL_VDD
M18
UPLL_BYPCLK
U21
USBPHY1_UPLLVDD
L21
USBPHY1_UPLLVSS
M19
USBPHY1_VDDA
K15, K16
USBPHY1_VDDA_BIAS
L22
USBPHY1_VSSA
K19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com