Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX258CJM4A Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 131Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
135
A18
A6
CSI_D4
E21
D6
k1
A19
E7
CSI_D5
G19
D7
L1
A20
B6
CSI_D6
D22
D8
G2
A21
D7
CSI_D7
F21
D9
H5
A22
A7
CSI_D8
E22
D10
H4
D11
K5
KPP_COL1
N5
OE_ACD
AA3
D12
J4
KPP_COL2
P2
OSC24M_EXTAL
AB19
D13
J2
KPP_COL3
N4
OSC24M_EXTAL
AB20
D14
K4
KPP_ROW0
R2
OSC32K_EXTAL
AB13
D15
K2
KPP_ROW1
R4
OSC32K_XTAL
AB12
DE_B
W11
KPP_ROW2
U1
OSC_BYP
AB15
DQM0
D11
KPP_ROW3
P4
OE
A3
DQM1
A9
LBA
B3
POR_B
V21
EB0
A2
LD0
AB10
POWER_FAIL
T19
EB1
B4
LD1
W8
PWM
W4
ECB
B1
LD2
AB9
RAS
D15
EXT_ARMCLK
V22
LD3
AA9
RW
D5
FEC_MDC
P1
LD4
AB8
RESET_B
U19
FEC_MDIO
M2
LD5
AA8
RTCK
W13
FEC_RDATA0
M4
LD6
AB7
SD0
A13
FEC_RDATA1
N2
LD7
AA7
SD1
D12
FEC_RX_DV
L5
LD8
AB6
SD2
B12
FEC_TDATA0
L2
LD9
AA6
SD3
A14
FEC_TDATA1
M1
LD10
AB5
SD4
B13
FEC_TX_CLK
N1
LD11
W7
SD5
A15
FEC_TX_EN
R1
LD12
AB4
SD6
B11
GPIO_A
T22
LD13
W6
SD7
A12
GPIO_B
P21
LD14
AB3
SD8
D10
GPIO_C
U22
LD15
AA5
SD9
A10
GPIO_D
P19
LSCLK
AB2
SD10
A11
GPIO_E
R21
MA10
E17
SD11
B10
GPIO_F
R19
MESH_C
T13
SD12
B9
HSYNC
AA4
MESH_D
R13
SD13
E11
I2C1_CLK
H22
NFALE
E2
SD14
B8
I2C1_DAT
H21
NF_CEO
F4
SD15
D9
Table 103. 12x12 mm Package i.MX25 Signal Contact Assignment (continued)
Ball Name
Ball Position
Ball Name
Ball Position
Ball Name
Ball Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com