Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9402 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P89LPC9402
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9402 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P89LPC9402 Datasheet HTML 31Page - NXP Semiconductors P89LPC9402 Datasheet HTML 32Page - NXP Semiconductors P89LPC9402 Datasheet HTML 33Page - NXP Semiconductors P89LPC9402 Datasheet HTML 34Page - NXP Semiconductors P89LPC9402 Datasheet HTML 35Page - NXP Semiconductors P89LPC9402 Datasheet HTML 36Page - NXP Semiconductors P89LPC9402 Datasheet HTML 37Page - NXP Semiconductors P89LPC9402 Datasheet HTML 38Page - NXP Semiconductors P89LPC9402 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
P89LPC9402_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2009
35 of 60
NXP Semiconductors
P89LPC9402
8-bit microcontroller with accelerated two-clock 80C51 core
7.23 Analog comparators
Two analog comparators are provided on the P89LPC9402. Input and output options allow
use of the comparators in a number of different configurations. Comparator operation is
such that the output is a logic 1 (which may be read in a register and/or routed to a pin)
when the positive input (one of two selectable pins) is greater than the negative input
(selectable from a pin or an internal reference voltage). Otherwise the output is a zero.
Each comparator may be configured to cause an interrupt when the output value changes.
The overall connections to both comparators are shown in Figure 15. The comparators
function to VDD = 2.4 V.
When each comparator is first enabled, the comparator output and interrupt flag are not
guaranteed to be stable for 10
µs. The corresponding comparator interrupt should not be
enabled during that time, and the comparator interrupt flag must be cleared before the
interrupt is enabled in order to prevent an immediate interrupt service.
7.23.1 Internal reference voltage
An internal reference voltage generator may supply a default reference when a single
comparator input pin is used. The value of the internal reference voltage, referred to as
Vref(bg), is 1.23 V ± 10 %.
7.23.2 Comparator interrupt
Each comparator has an interrupt flag contained in its configuration register. This flag is
set whenever the comparator output changes state. The flag may be polled by software or
may be used to generate an interrupt. The two comparators use one common interrupt
vector. If both comparators enable interrupts, after entering the interrupt service routine,
the user needs to read the flags to determine which comparator caused the interrupt.
7.23.3 Comparators and power reduction modes
Either or both comparators may remain enabled when Power-down or Idle mode is
activated, but both comparators are disabled automatically in Total Power-down mode.
Fig 15. Comparator input and output connections
comparator 1
CP1
CN1
(P0.4) CIN1A
(P0.3) CIN1B
(P0.5) CMPREF
Vref(bg)
OE1
CO1
CMF1
interrupt
002aae456
CMP1 (P0.6)
EC
CMF2
comparator 2
OE2
CO2
CMP2 (P0.0)
CP2
CN2
(P0.2) CIN2A
(P0.1) CIN2B
change detect
change detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com