Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S105C4B6 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM8S105C4B6
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 95Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 96Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 97Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 98Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 99Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 100Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 101Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 102Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 127 page
background image
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
µs
0.75
fADC = 4 MHz
Sampling time
tS
(2)
0.5
fADC = 6 MHz
µs
7
Wakeup time from standby
tSTAB
µs
3.5
fADC = 4 MHz
Total conversion time
(including sampling time,
10-bit resolution)
tCONV
µs
2.33
fADC = 6 MHz
1/fADC
14
(1) Data guaranteed by design, not tested in production..
(2) During the sample time the input capacitance C
AIN (3 pF max) can be charged/discharged
by the external source. The internal resistance of the analog source must allow the
capacitance to reach its final voltage level within tS. After the end of the sample time tS,
changes of the analog input voltage have no effect on the conversion result. Values for the
sample clock tS depend on programming.
Table 46: ADC accuracy with RAIN < 10 kΩ , VDDA= 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
LSB
2.5
1
fADC = 2 MHz
Total unadjusted error
(2)
|ET|
3
1.4
fADC = 4 MHz
3.5
1.6
fADC = 6 MHz
2
0.6
fADC = 2 MHz
Offset error
(2)
|EO|
2.5
1.1
fADC = 4 MHz
2.5
1.2
fADC = 6 MHz
2
0.2
fADC = 2 MHz
Gain error
(2)
|EG|
2.5
0.6
fADC = 4 MHz
99/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com