Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S105C4B6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8S105C4B6
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 22Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 23Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 24Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 25Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 26Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 27Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 28Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 29Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
Alternate
function after
remap
[option bit]
Default alternate
function
Main function
(after reset)
Output
Input
Type
Pin
name
Pin number
PP
OD
Speed
High
sink
Ext.
interrupt
wpu
floating
SDIP32
LQFP32/
VFQFPN32/
UFQFPN32
LQFP44
LQFP48
TIM3_ CH1
[AFR1]
Timer 2 -
channel 3
Port A3
X
X
O1
X
X
X
I/O
PA3/
TIM2
_CH3
[TIM3
_CH1]
-
-
-
9
Port A4
X
X
O3
HS
X
X
X
I/O
PA4
-
-
9
10
Port A5
X
X
O3
HS
X
X
X
I/O
PA5
-
-
10
11
Port A6
X
X
O3
HS
X
X
X
I/O
PA6
-
-
11
12
Analog input 12
(1)
Port F4
X
X
O1
X
X
I/O
PF4/
AIN12
13
8
-
-
Analog power supply
S
VDDA
14
9
12
13
Analog ground
S
VSSA
15
10
13
14
Analog input 7
Port B7
X
X
O1
X
X
X
I/O
PB7/
AIN7
-
-
14
15
Analog input 6
Port B6
X
X
O1
X
X
X
I/O
PB6/
AIN6
-
-
15
16
I
2
C_SDA
[AFR6]
Analog input 5
Port B5
X
X
O1
X
X
X
I/O
PB5/
AIN5
[I
2
C_
SDA]
16
11
16
17
I
2
C_SCL
[AFR6]
Analog input 4
Port B4
X
X
O1
X
X
X
I/O
PB4/
AIN4
[I
2
C_
SCL]
17
12
17
18
TIM1_ ETR
[AFR5]
Analog input 3
Port B3
X
X
O1
X
X
X
I/O
PB3/
AIN3
[TIM1_
ETR]
18
13
18
19
TIM1_ CH3N
[AFR5]
Analog input 2
Port B2
X
X
O1
X
X
X
I/O
PB2/
AIN2
[TIM1_
CH3N]
19
14
19
20
TIM1_ CH2N
[AFR5]
Analog input 1
Port B1
X
X
O1
X
X
X
I/O
PB1/
AIN1
[TIM1_
CH2N]
20
15
20
21
TIM1_ CH1N
[AFR5]
Analog input 0
Port B0
X
X
O1
X
X
X
I/O
PB0/
AIN0
[TIM1_
CH1N]
21
16
21
22
Analog input 8
Port E7
X
X
O1
X
X
X
I/O
PE7/
AIN8
-
-
-
23
DocID14771 Rev 9
26/127
STM8S105xx
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com