Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS6024D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBLS6024D
Description  60 V, 1.5 A PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS6024D Datasheet(HTML) 4 Page - NXP Semiconductors

  PBLS6024D Datasheet HTML 1Page - NXP Semiconductors PBLS6024D Datasheet HTML 2Page - NXP Semiconductors PBLS6024D Datasheet HTML 3Page - NXP Semiconductors PBLS6024D Datasheet HTML 4Page - NXP Semiconductors PBLS6024D Datasheet HTML 5Page - NXP Semiconductors PBLS6024D Datasheet HTML 6Page - NXP Semiconductors PBLS6024D Datasheet HTML 7Page - NXP Semiconductors PBLS6024D Datasheet HTML 8Page - NXP Semiconductors PBLS6024D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PBLS6024D_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 August 2009
4 of 16
NXP Semiconductors
PBLS6024D
60 V, 1.5 A PNP BISS loadswitch
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 1 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curves
Tamb (°C)
−75
175
125
25
75
−25
006aab507
400
600
200
800
1000
Ptot
(mW)
0
(1)
(2)
(3)
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
260
K/W
[2] -
-
211
K/W
[3] -
-
165
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
100
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com