Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS6024D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS6024D
Description  60 V, 1.5 A PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS6024D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS6024D Datasheet HTML 2Page - NXP Semiconductors PBLS6024D Datasheet HTML 3Page - NXP Semiconductors PBLS6024D Datasheet HTML 4Page - NXP Semiconductors PBLS6024D Datasheet HTML 5Page - NXP Semiconductors PBLS6024D Datasheet HTML 6Page - NXP Semiconductors PBLS6024D Datasheet HTML 7Page - NXP Semiconductors PBLS6024D Datasheet HTML 8Page - NXP Semiconductors PBLS6024D Datasheet HTML 9Page - NXP Semiconductors PBLS6024D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PBLS6024D_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 August 2009
6 of 16
NXP Semiconductors
PBLS6024D
60 V, 1.5 A PNP BISS loadswitch
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 4.
TR1 (PNP): Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aab510
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
δ = 1
0.75
0.50
0.33
0.10
0.05
0.02
0.01
0.20
0
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
ICBO
collector-base cut-off
current
VCB = −60 V; IE =0A
-
-
−100 nA
VCB = −60 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter
cut-off current
VCE = −48 V; VBE =0A
-
-
−100 nA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100 nA
hFE
DC current gain
VCE = −2 V; IC = −100 mA
180
285
-
VCE = −2 V; IC = −500 mA
[1] 150
255
-
VCE = −2 V; IC = −1A
[1] 140
210
-
VCE = −2 V; IC = −1.5 A
[1] 120
185
-
VCEsat
collector-emitter
saturation voltage
IC = −0.5 A; IB = −50 mA
[1] -
−65
−100 mV
IC = −1 A; IB = −50 mA
[1] -
−130 −200 mV
IC = −1 A; IB = −100 mA
[1] -
−110 −170 mV
IC = −1.5 A; IB = −100 mA
[1] -
−165 −260 mV
RCEsat
collector-emitter
saturation resistance
IC = −1 A; IB = −100 mA
[1] -
110
170
m
Ω
IC = −1.5 A; IB = −100 mA
[1] -
110
175
m
Ω
VBEsat
base-emitter
saturation voltage
IC = −0.5 A; IB = −50 mA
[1] -
−0.85 −1V
IC = −1.5 A; IB = −100 mA
[1] -
−0.93 −1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com